Moteur de recherche de fiches techniques de composants électroniques |
|
TDC185035NSE-F Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics |
|
TDC185035NSE-F Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics |
4 / 5 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type TDC Solid Tantalum Capacitors * Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order) CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. Ratings Max. Max. DF Max. Max. DF Catalog Case Lead DCL @ +25 ºC Catalog Case Lead DCL @ +25 ºC Cap Part Number Code Spacing @ +25 ºC 120 Hz Cap Part Number Code Spacing @ +25 ºC 120 Hz (µF) (S) (µA) (%) (µF) (S) (µA) (%) 35 WVdc; 46 Vdc Surge @ 85 ºC 50 WVdc; 65 Vdc Surge @ 85 ºC 23 WVdc; 28 Vdc Surge @ 125 ºC 33 WVdc; 40 Vdc Surge @ 125 ºC 0.10 TDC104*035NSE-F E 0.125 0.5 3 .10 TDC104*050NSE-F E 0.125 0.5 3 0.12 TDC124*035NSE-F E 0.125 0.5 3 .12 TDC124*050NSE-F E 0.125 0.5 3 0.15 TDC154*035NSE-F E 0.125 0.5 3 .15 TDC154*050NSE-F E 0.125 0.5 3 0.18 TDC184*035NSE-F E 0.125 0.5 3 .18 TDC184*050NSE-F E 0.125 0.5 3 0.22 TDC224*035NSE-F E 0.125 0.5 3 .22 TDC224*050NSE-F E 0.125 0.5 3 0.27 TDC274*035NSE-F E 0.125 0.5 3 .27 TDC274*050NSE-F E 0.125 0.5 3 0.33 TDC334*035NSE-F E 0.125 0.5 3 .33 TDC334*050NSE-F E 0.125 0.5 3 0.39 TDC394*035NSE-F E 0.125 0.5 3 .39 TDC394*050NSE-F E 0.125 0.5 3 0.47 TDC474*035NSE-F E 0.125 0.5 3 .47 TDC474*050NSE-F E 0.125 0.5 3 0.56 TDC564*035NSE-F E 0.125 0.5 3 .56 TDC564*050NSE-F E 0.125 0.5 3 0.68 TDC684*035NSE-F E 0.125 0.5 3 .68 TDC684*050NSE-F E 0.125 0.5 3 0.82 TDC824*035NSE-F E 0.125 0.5 3 .82 TDC824*050NSE-F E 0.125 0.5 3 1.0 TDC105*035NSE-F E 0.125 0.5 3 1.0 TDC105*050NSE-F E 0.125 0.5 3 1.2 TDC125*035NSE-F E 0.125 0.5 5 1.2 TDC125*050NSE-F E 0.125 0.5 5 1.5 TDC155*035NSE-F E 0.125 0.5 5 1.5 TDC155*050NSE-F E 0.125 0.6 5 1.8 TDC185*035NSE--F E 0.125 0.5 5 1.8 TDC185*050NSF-F F 0.125 0.7 5 2.2 TDC225*035NSE-F E 0.125 0.6 5 2.2 TDC225*050NSF-F F 0.125 0.9 5 2.7 TDC275*035NSF-F F 0.125 0.7 5 2.7 TDC275*050NSF-F F 0.125 1.1 5 3.3 TDC335*035NSF-F F 0.125 0.9 5 3.3 TDC335*050NSF-F F 0.125 1.3 5 3.9 TDC339*035NSF-F F 0.125 1.0 5 3.9 TDC395*050NSF-F F 0.125 1.6 5 4.7 TDC475*035NSF-F F 0.125 1.3 5 4.7 TDC475*050NSF-F F 0.125 1.9 5 5.6 TDC565*035NSF-F F 0.125 1.6 5 5.6 TDC565*050NSF-F F 0.125 2.2 5 6.8 TDC685*035NSF-F F 0.125 1.9 5 6.8 TDC685*050WSG-F G 0.25 2.7 5 8.2 TDC825*035NSF-F F 0.125 2.3 6 8.2 TDC825*050WSG-F G 0.25 3.3 6 10 TDC106*035NSF-F F 0.125 2.8 6 10 TDC106*050WSG-F G 0.25 4.0 6 12 TDC126*035WSG-F G 0.25 3.4 6 12 TDC126*050WSG-F G 0.25 4.8 6 15 TDC156*035WSG-F G 0.25 4.2 6 15 TDC156*050WSG-F G 0.25 6.0 6 18 TDC186*035WSG-F G 0.25 5.0 6 18 TDC186*050WSG-F G 0.25 7.2 6 22 TDC226*035WSG-F G 0.25 6.2 6 22 TDC226*050WSG-F G 0.25 8.8 6 27 TDC276*035WSG-F G 0.25 7.6 6 33 TDC336*035WSG-F G 0.25 9.2 6 39 TDC396*035WSG-F G 0.25 10 6 47 TDC476*035WSG-F G 0.25 10 6 |
Numéro de pièce similaire - TDC185035NSE-F |
|
Description similaire - TDC185035NSE-F |