Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-U90-T1X1-1XXX Fiches technique(PDF) 1 Page - Amphenol Corporation

No de pièce P-U90-T1X1-1XXX
Description  QSFP CAGE ASSEMBLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-T1X1-1XXX Fiches technique(HTML) 1 Page - Amphenol Corporation

  P-U90-T1X1-1XXX Datasheet HTML 1Page - Amphenol Corporation P-U90-T1X1-1XXX Datasheet HTML 2Page - Amphenol Corporation P-U90-T1X1-1XXX Datasheet HTML 3Page - Amphenol Corporation P-U90-T1X1-1XXX Datasheet HTML 4Page - Amphenol Corporation P-U90-T1X1-1XXX Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
REV.
QSFP CAGE ASSEMBLY
WITH OPTIONAL LIGHT PIPE
(WITH LOW PROFILE HEAT SINK CLIP)
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
DWG APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
X.X 0.15
0.5
X.XX 0.10
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
ECN
DESIGNED
1 OF 5
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PUPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
TITLE
2:1
B
7
CODE IDENT. NO.
03554
A
NEW RELEASE
J.HU
ZLJ
A.GREEN
FEB 22/12
MAR 17/09
P-U90-T1X1-1XXX
AUG 14/09
ZLJ
MAR 17/09
MAR 17/09
J.SI
B
DIMENSION ADDED
FEB 22/12
ZLJ
AMPHENOL PART NUMBER CONFIGURATION
U90 - T 1 X 1 - 1 X X X
PACKAGING
1 = TRAY PACKAGING W/ HEAT SINK IN SEPARATE TRAY
A = TRAY PACKAGING W/ HEAT SINK ASSEMBLED
T = TAPE AND REEL PACKAGING W/ HEAT SINK IN SEPARATE TRAY
OPTIONAL DUST COVER
0 = WITHOUT DUST COVER
D = WITH DUST COVER SHIPPED AS LOOSE PIECE)
HEAT SINK OPTION
5 = PIN STYLE HEAT SINK (NICKEL PLATED) AND CLIP (H=6.5mm; SAN HEIGHT)
6 = PIN STYLE HEAT SINK (NICKEL PLATED) AND CLIP (H=4.2mm; PCI HEIGHT)
7 = PIN STYLE HEAT SINK (NICKEL PLATED) AND CLIP (H=13.5mm; TALL)
D = PIN-FIN HEAT SINK (ANODIZED, BLACK)AND CLIP (H=6.5mm; SAN HEIGHT)
E = PIN-FIN HEAT SINK (ANODIZED, BLACK) AND CLIP (H=4.2mm; PCI HEIGHT)
F = PIN-FIN HEAT SINK (ANODIZED, BLACK) AND CLIP (H=13.5mm; TALL)
N = PIN-FIN HEAT SINK (NICKEL PLATED) AND CLIP (H=6.5mm; SAN HEIGHT)
P = PIN-FIN HEAT SINK (NICKEL PLATED) AND CLIP (H=4.2mm; PCI HEIGHT)
R = PIN-FIN HEAT SINK (NICKEL PLATED) AND CLIP (H=13.5mm; TALL)
NOTE: FOR DIMENSION "H" LOCATION SEE SHEET 2
VIEW WITH PIN STYLE HEAT
SINK AND CLIP ASSEMBLED
AND DUST COVER (SHIPPED LOOSE)
(P/N U90-T151-1D0A)
VIEW WITH PIN-FIN STYLE HEAT
SINK AND CLIP ASSEMBLED
(P/N U90-T1D1-100A)
LIGHT PIPE OPTION
0 = WITHOUT LIGHT PIPE
1 = WITH LIGHT PIPE
DUST COVER
(SHIPPED LOOSE)
P/N U79-111-9000-P
VIEW WITH PIN-FIN STYLE HEAT
SINK, CLIP AND LIGHT
PIPE ASSEMBLED
(P/N U90-T1D1-101A)
VIEW WITH PIN STYLE HEAT
SINK, CLIP AND LIGHT
PIPE ASSEMBLED
(P/N U90-T151-101A)


Numéro de pièce similaire - P-U90-T1X1-1XXX

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-U90-A1X1-1X0X AMPHENOL-P-U90-A1X1-1X0X Datasheet
145Kb / 4P
   HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B205-XXX1-XX0 AMPHENOL-P-U90-B205-XXX1-XX0 Datasheet
599Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
   CAGE IS INTENDED FOR USE WITH THE
More results

Description similaire - P-U90-T1X1-1XXX

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0747500028 MOLEX11-0747500028 Datasheet
48Kb / 1P
   QSFP Cage Assembly, 2 Legs
logo
Samtec, Inc
QSFPC-PF-01-F SAMTEC-QSFPC-PF-01-F Datasheet
432Kb / 4P
   QSFP CAGE
logo
Tyco Electronics
2110487-1 MACOM-2110487-1 Datasheet
501Kb / 5P
   QSFP IXI CAGE ASSEMBLY SOLDER, THRU BEZEL
logo
Samtec, Inc
QSFP SAMTEC-QSFP Datasheet
605Kb / 1P
   QSFP CONNECTOR & CAGE
Rev 29MAR18
logo
VITALCONN ELECTRONICS H...
S11815B12 VITALCONN-S11815B12 Datasheet
607Kb / 5P
   QSFP28G 1X1 CAGE
S128XXX1X VITALCONN-S128XXX1X Datasheet
1Mb / 7P
   QSFP28G 1X2 CAGE
S148XXX1X VITALCONN-S148XXX1X Datasheet
1Mb / 7P
   QSFP28G 1X4 CAGE
S138XXX1X VITALCONN-S138XXX1X Datasheet
1Mb / 7P
   QSFP28G 1X3 CAGE
S12812S1A VITALCONN-S12812S1A Datasheet
443Kb / 4P
   QSFP28G 1X2 CAGE
S118XXX1X VITALCONN-S118XXX1X Datasheet
607Kb / 5P
   QSFP28G 1X1 CAGE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com