Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC18FA621J-F Fiches technique(PDF) 6 Page - Cornell Dubilier Electronics

No de pièce MC18FA621J-F
Description  High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC18FA621J-F Fiches technique(HTML) 6 Page - Cornell Dubilier Electronics

Back Button MC18FA621J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 9Page - Cornell Dubilier Electronics MC18FA621J-F Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Types MC and MCN Multilayer RF Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
6
Specifications
Marking
Capacitance is within tolerance when measured
as follows:
1—1000 pF @ 1 MHz
>1000 pF @ 1 kHz
Dissipation Factor is no more than 0.1% when
measured as above at 5 Vrms or less.
Example:
R1 = 43 pF
Base
Code
Base
Code
Value
Ltr.
Value
Ltr.
10
A
40
d
11
B
43
R
12
C
45
e
13
D
47
S
15
E
50
f
16
F
51
T
18
G
56
U
20
H
60
m
22
J
62
V
24
K
68
W
25
a
70
n
27
L
75
X
30
M
80
t
33
N
82
Y
35
b
90
y
36
P
91
Z
39
Q
Multiplier
Code
No.
X 0.1
0
X 1
1
X 10
2
X 100
3
X 0.01
9
Voltage
Capacitance Code
(Color Coded)
Terminal
Resin Coating
Glass
Sn Plating
Ni Electrode: Type MC
Cu Electrode: Nonmagnetic Type MCN
Conductive Resin
Ag Electrode
Mica
High Q, Low ESR Construction for RF Power Applications


Numéro de pièce similaire - MC18FA621J-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
MC18FA621J-F CDE-MC18FA621J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Description similaire - MC18FA621J-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1825CA103JAT1A AVX-1825CA103JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com