Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC18FA561J-F Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics

No de pièce MC18FA561J-F
Description  High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC18FA561J-F Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics

  MC18FA561J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC18FA561J-F Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Types MC and MCN Multilayer RF Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
4
Typical Performance Curves
Typical Mica Chip E.S.R.
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
82906a
Type MC Typical ESR vs. Frequency
Type MC
Current at 60°C Rise
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
Type MC Maximum RMS Current vs. Frequency


Numéro de pièce similaire - MC18FA561J-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
MC18FA561J-F CDE-MC18FA561J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Description similaire - MC18FA561J-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1825CA103JAT1A AVX-1825CA103JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com