Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4961 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4961
Description  Ceramic Speaker Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4961 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LM4961 Datasheet HTML 1Page - National Semiconductor (TI) LM4961 Datasheet HTML 2Page - National Semiconductor (TI) LM4961 Datasheet HTML 3Page - National Semiconductor (TI) LM4961 Datasheet HTML 4Page - National Semiconductor (TI) LM4961 Datasheet HTML 5Page - National Semiconductor (TI) LM4961 Datasheet HTML 6Page - National Semiconductor (TI) LM4961 Datasheet HTML 7Page - National Semiconductor (TI) LM4961 Datasheet HTML 8Page - National Semiconductor (TI) LM4961 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics V
DD = 3.2V (Continued)
The following specifications apply for V
DD = 3.2V, AV-BTL = 26dB, RL = 2µF+30
Ω, Cb = 1.0µF, Band-SW = V
DD unless other-
wise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4961
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
V
LH
Logic High Threshold Voltage
For Shutdown 1, Shutdown 2, and
Band-SW
1.5
V (min)
V
LL
Logic Low Threshold Voltage
For Shutdown 1, Shutdown 2, and
Band-SW
0.4
V (max)
R
PULLDOWN
Pulldown Resistor
For Shutdown 2 and Band-SW
70k
50k
Ω (min)
TSD
Thermal Shutdown Temperature
125
˚C (min)
V
out
Output Voltage Swing
THD = 1%, f = 1kHz
R
L = 2µF+30
Ω Mono BTL
15
14
Vp-p (min)
THD+N
Total Harmomic Distortion + Noise
V
out = 14Vp-p, f = 1kHz
0.1
1.0
% (max)
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V (Note
10)
125
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 100Hz
80
65
dB (min)
Ron-sw-out
On Resistance on SW-Out
Band SW “High” Isink = 100µA
(Between pin 1 and pin 28)
170
220
Ω (max)
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/ θJA or the given in Absolute Maximum Ratings, whichever is lower. For the LM4961 typical application (shown
in Figure 1) with VDD = 4.2V, RL = 2µF+30Ω mono BTL operation the maximum power dissipation is 232mW. θJA = 66˚C/W.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for minimum shutdown
current.
Note 10: Noise measurements are dependent on the absolute values of closed loop gain setting resistors (input and feedback resistors).
www.national.com
4


Numéro de pièce similaire - LM4961

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Description similaire - LM4961

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com