Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G3157DBVRE4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74LVC1G3157DBVRE4
Description  Single-Pole Double-Throw Analog Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G3157DBVRE4 Fiches technique(HTML) 5 Page - Texas Instruments

  74LVC1G3157DBVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3157DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
SN74LVC1G3157
www.ti.com
SCES424L – JANUARY 2003 – REVISED MAY 2017
Product Folder Links: SN74LVC1G3157
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23,
SC70, SON,
X2SON, or
SOT
DSBGA
B2
1
A1
I/O
Switch I/O. Set S high to enable.
GND
2
B1
Ground
B1
3
C1
I/O
Switch I/O. Set S low to enable.
A
4
C2
I/O
Common terminal
VCC
5
B2
Power supply
S
6
A2
I
Select
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground unless otherwise specified.
(3)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
VI, VO, VA, and VBn are used to denote specific conditions for VI/O.
(6)
II, IO, IA, and IBn are used to denote specific conditions for II/O.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
6.5
V
VIN
Control input voltage(2)(3)
–0.5
6.5
V
VI/O
Switch I/O voltage(2)(3)(4)(5)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
II/O
On-state switch current(6)
VI/O = 0 to VCC
±128
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Numéro de pièce similaire - 74LVC1G3157DBVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC1G3157DBVRE4 TI-74LVC1G3157DBVRE4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DBVRE4 TI-74LVC1G3157DBVRE4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DBVRE4 TI1-74LVC1G3157DBVRE4 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
74LVC1G3157DBVRE4 TI1-74LVC1G3157DBVRE4 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results

Description similaire - 74LVC1G3157DBVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com