Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMS-8202 Fiches technique(PDF) 2 Page - Broadcom Corporation.

No de pièce HSMS-8202
Description  Surface Mount Microwave Schottky Mixer Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-8202 Fiches technique(HTML) 2 Page - Broadcom Corporation.

  HSMS-8202 Datasheet HTML 1Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 2Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 3Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 4Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 5Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 6Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
DC Electrical Specifications, TA = 25° C
Symbol
Parameters and Test Conditions
Units
HSMS-8101
HSMS-8202
HSMS-8207
HSMS-8209
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VBR
Breakdown Voltage
IR = 10
A
V
4
4
4
4
CT
Total Capacitance
VR = 0 V, f = 1 MHz
pF
0.26
0.26
0.26
0.26
DCT
Capacitance Difference
VR = 0 V, f = 1 MHz
pF
0.04
0.04
0.04
RD
Dynamic Resistance
IF = 5 mA
14
14
14
14
DRD
Dynamic Resistance Difference
IF = 5 mA
2
2
2
VF
Forward Voltage
IF = 1 mA
mV
250
350
250
350
250
350
250
350
DVF
Forward Voltage Difference
IF = 1 mA
mV
20
20
20
Lead Code
1279
Package Marking Code
where x is date code
R1x
2Rx
R7x
R9x
RF Electrical Parameters, TA = 25° C
Symbol
Parameter
Units
Typical
Lc
Conversion Loss at 12 GHz
dB
6.3
ZIF
IF Impedance
150
SWR
SWR at 12 GHz
1.2
Note:
DC Load Resistance = 0
; LO Power = 1 mW.
SPICE Parameters
IS = 4.6 E-8
EG = 0.69
TT = 0
RS = 6
CJO = 0.18 E-12
N = 1.09
PB (VJ) = 0.5
BV = 7.3
M = 0.5
IBV = 10E-5
FC = 0.5
Linear Equivalent Circuit
0.17 pF
Rj
0.08 pF
1.0 nH
1.3 nH
6
Self Bias
1 mA
2.5 mA
Rj
256
142


Numéro de pièce similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMS-8202 HP-HSMS-8202 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-BLK HP-HSMS-8202-BLK Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8202-TR1 HP-HSMS-8202-TR1 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-TR2 HP-HSMS-8202-TR2 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Description similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8101 AVAGO-HSMS-8101 Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com