Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMS-8202 Fiches technique(PDF) 1 Page - Broadcom Corporation.

No de pièce HSMS-8202
Description  Surface Mount Microwave Schottky Mixer Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-8202 Fiches technique(HTML) 1 Page - Broadcom Corporation.

  HSMS-8202 Datasheet HTML 1Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 2Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 3Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 4Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 5Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 6Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HSMS-8101, 8202, 8207, 8209
Surface Mount Microwave Schottky Mixer Diodes
Data Sheet
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Description/Applications
These low cost microwave Schottky diodes are specifically
designed for use at X/Ku-bands and are ideal for DBS and
VSAT downconverter applications. They are available in
SOT-23 and SOT-143 standard package configurations.
Note that Avago's manufacturing techniques assure that
dice found in pairs and quads are taken from adjacent
sites on the wafer, assuring the highest degree of match.
Plastic SOT-23 Package
Features
 Optimized for use at 10-14 GHz
 Low Capacitance
 Low Conversion Loss
 Low RD
 Low Cost Surface Mount Plastic Package
 Lead-free Option Available
Package Lead Code
Identification
(Top View)
Plastic SOT-143 Package
SERIES
#2
SINGLE
#1
12
12
12
12
3
RING
QUAD
#7
34
34
3
CROSS-OVER
QUAD
#9
Absolute Maximum Ratings[1], TA = +25° C
Symbol
Parameter
Unit
Min.
Max.
PT
Total Device Dissipation[2]
mW
75
PIV
Peak Inverse Voltage
V
4
TJ
Junction Temperature
°C
+150
TSTG, Top
Storage and Operating
Temperature
°C
-65
+150
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. Measured in an infinite heat sink at TCASE = 25° C. Derate linearly to
zero at 150° C per diode.


Numéro de pièce similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMS-8202 HP-HSMS-8202 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-BLK HP-HSMS-8202-BLK Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8202-TR1 HP-HSMS-8202-TR1 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-TR2 HP-HSMS-8202-TR2 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Description similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8101 AVAGO-HSMS-8101 Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com