Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMS-8202 Fiches technique(PDF) 3 Page - Broadcom Corporation.

No de pièce HSMS-8202
Description  Surface Mount Microwave Schottky Mixer Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-8202 Fiches technique(HTML) 3 Page - Broadcom Corporation.

  HSMS-8202 Datasheet HTML 1Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 2Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 3Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 4Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 5Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 6Page - Broadcom Corporation. HSMS-8202 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance, TC = 25° C
IF (Left Scale)
VF (Right Scale)
FORWARD VOLTAGE (V)
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
TA = +125° C
TA = +25° C
TA = –55° C
LOCAL OSCILLATOR POWER (dBm)
9
8
7
6
-7
-5
-3
-1
1357
9
11
13
V - FORWARD VOLTAGE (V)
0.30
0.20
0.25
0.35
0.40
0.45
0.50
0.55
30
10
1
0.3
30
10
1
0.3
Figure 1. Typical Forward Current vs. Forward Voltage at Three
Temperatures.
Figure 2. Typical VF Match, HSMS-820X Pairs and Quads.
Figure 3. Typical Conversion Loss vs. Local Oscillator Power.
Ordering Information
Specify part number followed by option. For example:
Profile Option Descriptions
– BLK = Bulk
– TR1 = 3K pc. Tape and Reel, Device Orientation Figures
4, 5
– TR2 = 10K pc. Tape and Reel, Device Orientation
Figures 4, 5
Tape and Reeling conforms to Electronic Industries RS-481,
“Taping of Surface Mounted Components for Automated
Placement.”
For lead-free option, the part number will have the
character "G" at the end, eg. – TR2G for a 10 K pc lead-free
reel.
HSMS - 8101 - XXX
Bulk or Tape and Reel Option
Part Number
Surface Mount Schottky


Numéro de pièce similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMS-8202 HP-HSMS-8202 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-BLK HP-HSMS-8202-BLK Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8202-TR1 HP-HSMS-8202-TR1 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202-TR2 HP-HSMS-8202-TR2 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Description similaire - HSMS-8202

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8101 AVAGO-HSMS-8101 Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com