Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT244TSOBGB Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce 74FCT244TSOBGB
Description  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244TSOBGB Fiches technique(HTML) 4 Page - Integrated Device Technology

  74FCT244TSOBGB Datasheet HTML 1Page - Integrated Device Technology 74FCT244TSOBGB Datasheet HTML 2Page - Integrated Device Technology 74FCT244TSOBGB Datasheet HTML 3Page - Integrated Device Technology 74FCT244TSOBGB Datasheet HTML 4Page - Integrated Device Technology 74FCT244TSOBGB Datasheet HTML 5Page - Integrated Device Technology 74FCT244TSOBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
4
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
OEA
= OEB = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
1.5
3.5
mA
Outputs Open
VIN = GND
fi = 10MHz
50% Duty Cycle
VIN = 3.4V
1.8
4.5
OEA
= OEB = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN = VCC
—3
6(5)
Outputs Open
VIN = GND
fi = 2.5MHz
50% Duty Cycle
VIN = 3.4V
5
14(5)
OEA = OEB = GND
VIN = GND
Eight Bits Toggling
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
ΔICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
54FCT244T
54/74FCT244AT
54/74FCT244CT
Mil.
Ind.
Mil.
Ind.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2) Max.
Min.(2)
Max.
Min.(2) Max. Unit
tPLH
PropagationDelay
CL = 50pF
1.5
7
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPHL
Dx to Ox
RL = 500
Ω
tPZH
OutputEnableTime
1.5
8.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
7.5
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
tPLZ
SWITCHING CHARACTERISTICS OVER OPERATING RANGE


Numéro de pièce similaire - 74FCT244TSOBGB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT244TAT ETC2-74FCT244TAT Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Description similaire - 74FCT244TSOBGB

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com