Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP101NAQDBVRQ1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP101NAQDBVRQ1
Description  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101NAQDBVRQ1 Fiches technique(HTML) 4 Page - Texas Instruments

  TMP101NAQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP101NAQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TMP100-Q1, TMP101-Q1
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
www.ti.com
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage rating applies to all TMP100-Q1 and TMP101-Q1 input voltages.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply, V+
7.5
V
Input voltage(2)
–0.5
7.5
V
Operating temperature
–55
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002 (1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
2.7
5.5
V
Operating free-air temperature, TA
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TMP100-Q1,
TMP101-Q1
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
182.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
115
°C/W
RθJB
Junction-to-board thermal resistance
30.2
°C/W
ψJT
Junction-to-top characterization parameter
17.1
°C/W
ψJB
Junction-to-board characterization parameter
29.7
°C/W


Numéro de pièce similaire - TMP101NAQDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP101NAQDBVRQ1 TI1-TMP101NAQDBVRQ1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Description similaire - TMP101NAQDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com