Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE102 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE102
Description  Germanium Complementary Transistors Power Output, Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE102 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE102 Datasheet HTML 1Page - NTE Electronics NTE102 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics
DC Current Gain
hFE
VCE = 150mV, IC = 12mA
30
80
VCE = 200mV, IC = 24mA
24
90
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 12mA, IB = 0.4mA
0.09
0.15
V
IC = 24mA, IB = 1mA
0.09
0.20
V
Base–Emitter Voltage
VBE
IC = 12mA, IB = 0.4mA
0.27
0.35
V
IC = 24mA, IB = 1mA
0.30
0.40
V
Small–Signal Characteristics
Alpha Cutoff Frequency
fhfb
VCB = 6V, IE = 1mA
4
25
MHz
Output Capacitance
Cob
VCB = 6V, IE = 1mA, f = 1MHz
8
20
pF
Input Impedance
hie
VCE = 6V, IE = 1mA, f = 1MHz
3.6
k
Voltage Feedback Ratio
hre
8
x 10–4
Small–Signal Current Gain
hfe
135
Output Admittance
hoe
50
µmhos
Switching Characteristics
Delay Time
td
0.07
µs
Rise Time
tr
0.12
µs
Storage Time
ts
0.20
µs
Fall Time
tf
0.10
µs
Stored Base Charge
Qsb
300
1400
pC
45
°
.031 (.793)
.019 (0.5) Dia
Emitter
Base
Collector
.352 (8.95) Dia Max
.320 (98.13) Dia Max
.250 (6.35)
Max
1.500 (38.1)
Min


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn