Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL830S Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce IRL830S
Description  POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IRL830S Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  IRL830S Datasheet HTML 1Page - List of Unclassifed Manufacturers IRL830S Datasheet HTML 2Page - List of Unclassifed Manufacturers IRL830S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
POWER MOSFET
IRF830
Advance Information
Ordering Information
Device
Package
Temp.
IRL830T
TO-220
0 to 150
°C
IRL830S
TO-263 ( D
2 )
0 to 150
°C
Absolute Maximum Rating
Parameter
Max
Unit
ID@ TC =25
°°°°C
Continuous Drain Current, VGS @10V
4.5
ID@ TC =100
°°°°C
Continuous Drain Current, VGS @10V
2.9
IDM
Pulsed Drain Current (1)
18
A
PD @ TC =25
°°°°C
Power Dissipation
74
W
Linear Derating Factor
0.59
Linear Derating Factor ( PCB Mount, D
2 ) (1)
0.025
W/
°°°°C
VGS
Gate-to- Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy (2)
280
mJ
IAR
Avalanche Current (1)
4.5
A
EAR
Repetitive Avalanche Energy (1)
7.4
mJ
dv/dt
Peak Diode Recovery dv/dt (3)
3.5
V/ns
TJ, TSTG
Junction & Storage Temperature Range
−55 to +150
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
°°°°C
Thermal Resistance
Parameter
Min
Typ
Max
Units
RθθθθJC
Junction-to Case
-
-
1.7
RθθθθCS
Case-to-Sink, Flat, Greased Surface ( TO-220)
-
0.50
RθθθθJA
Junction-to Ambient ( PCB Mount, D
2 )
40
RθθθθJA
Junction-to Ambient
-
-
62
°°°°C/W
Description
The Bay Linear MOSFET’s provide the designers with the best
combination of fast switching, ruggedized device design, low
0n-resistance and low cost-effectiveness.
The TO-220 is offered in a 3-pin is universally preferred for all
commercial-industrial applications at power dissipation level
to approximately to 50 watts. Also, available in a D
2 surface
mount power package with a power dissipation up to 2 Watts
Features
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
VDSS = 500V
RDS (ON) = 1.5 Ω
ID = 4.5A
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Linear Excellence


Numéro de pièce similaire - IRL830S

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
IRL80 SIEMENS-IRL80 Datasheet
122Kb / 3P
   GaAs-Infrarot-Sendediode GaAs Infrared Emitter
logo
Rectron Semiconductor
IRL801 RECTRON-IRL801 Datasheet
82Kb / 5P
   GLASS PASSIVATED SILICON RECTIFIER
IRL803 RECTRON-IRL803 Datasheet
82Kb / 5P
   GLASS PASSIVATED SILICON RECTIFIER
IRL804 RECTRON-IRL804 Datasheet
82Kb / 5P
   GLASS PASSIVATED SILICON RECTIFIER
IRL805 RECTRON-IRL805 Datasheet
82Kb / 5P
   GLASS PASSIVATED SILICON RECTIFIER
More results

Description similaire - IRL830S

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com