Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950BKLFT Datasheet(Fiches technique) 9 Page - Integrated Device Technology

Numéro de pièce 9ZXL1950BKLFT
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9ZXL1950BKLFT Datenblatt HTML 5Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 6Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 7Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 8Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 10Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 11Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 12Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MAY 11, 2017
9 19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS
9ZXL1950 DATASHEET
Electrical Characteristics?Phase Jitter Parameters
Test Loads
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
34
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.2
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.1
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.2
0.5
ps
(rms)
1,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.1
0.3
ps
(rms)
1,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.1
0.2
ps
(rms)
1,5
tjphPCIeG1
PCIe Gen 1
0.1
10
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.1
0.7
ps
(rms)
1,2,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.0
0.3
ps
(rms)
1,2,4,6
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.0
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.0
0.1
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.0
0.1
ps
(rms)
1,5,6
1 Applies to all outputs.
6 For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)^2 = (total jittter)^2 - (input jitter)^2
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.4
Additive Phase Jitter,
Bypass mode
tjphPCIeG2
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final ratification by PCI SIG.
Phase Jitter, PLL Mode
tjphPCIeG2
tjphQPI_SMI
Zo = 85
? Dif.,
10 inches
LP-HCSL
Differential
Output
9ZXL Differential Test Loads
Rs
Rs
2pF
2pF
Differential Output Terminations
DIF Zo (?)Rs (?)
85
Internal
100
7.5
(External)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn