Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950BKLFT Datasheet(Fiches technique) 8 Page - Integrated Device Technology

Numéro de pièce 9ZXL1950BKLFT
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL1950BKLFT Datenblatt HTML 4Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 5Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 6Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 7Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 9Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 10Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 11Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS8
MAY 11, 2017
9ZXL1950 DATASHEET
Electrical Characteristics?Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 35C, 3.3V, 100MHz
-150
-117
-50
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 35C, 3.3V
2.5
3.6
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
0
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across temperature for a given voltage
-250
0
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
15
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
5
75
ps
1,2,3,5,8
DIF[x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode). 100MHz
37
50
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1.8
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
0.7
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3.3
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1.2
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
0
0.7
1.5
%
1,10
PLL mode
12
50
ps
1,11
Additive Jitter in Bypass Mode
0
10
ps
1,11
Notes for preceding table:
6. t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
1 Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
5 Measured with scope averaging on to find mean value.
Jitter, Cycle to cycle
tjcyc-cyc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn