Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950BKLFT Datasheet(Fiches technique) 5 Page - Integrated Device Technology

Numéro de pièce 9ZXL1950BKLFT
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9ZXL1950BKLFT Datenblatt HTML 1Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 2Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 3Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 4Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 6Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 7Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 8Page - Integrated Device Technology 9ZXL1950BKLFT Datenblatt HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MAY 11, 2017
5 19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS
9ZXL1950 DATASHEET
Electrical Characteristics–Absolute Maximum Ratings
Electrical Characteristics–DIF_IN Clock Input Parameters
Electrical Characteristics–Current Consumption
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA, R
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
I/O Supply Voltage
VDDIO
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input Crossover Voltage -
DIF_IN
VCROSS
Cross Over Voltage
150
900
mV
1
Input Swing - DIF_IN
VSWING
Differential value
300
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDVDD
All outputs 100MHz, CL = 2pF; Zo = 85Ω
20
35
mA
IDDVDDA/R
All outputs 100MHz, CL = 2pF; Zo = 85Ω
15
20
mA
IDDVDDIO
All outputs 100MHz, CL = 2pF; Zo = 85Ω
142
185
mA
IDDVDDPD
All differential pairs low-low
2.2
6
mA
IDDVDDA/RPD
All differential pairs low-low
4.5
9
mA
IDDVDDIOPD
All differential pairs low-low
0.1
1
mA
Operating Supply Current
Powerdown Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn