Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950BKLF Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce 9ZXL1950BKLF
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLF Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button 9ZXL1950BKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 12Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 13Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS10
MAY 11, 2017
9ZXL1950 DATASHEET
General SMBus Serial Interface Information
How to Write
Controller (host) sends a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) sends the byte count = X
IDT clock will acknowledge
Controller (host) starts sending Byte N through Byte
N+X-1
IDT clock will acknowledge each byte one at a time
Controller (host) sends a Stop bit
How to Read
Controller (host) will send a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) will send a separate start bit
Controller (host) sends the read address
IDT clock will acknowledge
IDT clock will send the data byte count = X
IDT clock sends Byte N+X-1
IDT clock sends Byte 0 through Byte X (if X(H) was
written to Byte 8)
Controller (host) will need to acknowledge each byte
Controller (host) will send a not acknowledge bit
Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
Data Byte Count = X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
ACK
PstoP bit
Index Block Read Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
RT
Repeat starT
Slave Address
RD
ReaD
ACK
Data Byte Count=X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
N
Not acknowledge
PstoP bit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn