Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950BKLF Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce 9ZXL1950BKLF
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLF Fiches technique(HTML) 4 Page - Integrated Device Technology

  9ZXL1950BKLF Datasheet HTML 1Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 2Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 3Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS4
MAY 11, 2017
9ZXL1950 DATASHEET
Pin Descriptions (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
37
DIF7
OUT
Differential true clock output
38
DIF7#
OUT
Differential Complementary clock output
39
GND
GND
Ground pin.
40
VDDIO
PWR
Power supply for differential outputs
41
DIF8
OUT
Differential true clock output
42
DIF8#
OUT
Differential Complementary clock output
43
DIF9
OUT
Differential true clock output
44
DIF9#
OUT
Differential Complementary clock output
45
VDD
PWR
Power supply, nominal 3.3V
46
GND
GND
Ground pin.
47
DIF10
OUT
Differential true clock output
48
DIF10#
OUT
Differential Complementary clock output
49
DIF11
OUT
Differential true clock output
50
DIF11#
OUT
Differential Complementary clock output
51
GND
GND
Ground pin.
52
VDDIO
PWR
Power supply for differential outputs
53
DIF12
OUT
Differential true clock output
54
DIF12#
OUT
Differential Complementary clock output
55
DIF13
OUT
Differential true clock output
56
DIF13#
OUT
Differential Complementary clock output
57
VDDIO
PWR
Power supply for differential outputs
58
GND
GND
Ground pin.
59
DIF14
OUT
Differential true clock output
60
DIF14#
OUT
Differential Complementary clock output
61
DIF15
OUT
Differential true clock output
62
DIF15#
OUT
Differential Complementary clock output
63
GND
GND
Ground pin.
64
VDD
PWR
Power supply, nominal 3.3V
65
DIF16
OUT
Differential true clock output
66
DIF16#
OUT
Differential Complementary clock output
67
DIF17
OUT
Differential true clock output
68
DIF17#
OUT
Differential Complementary clock output
69
VDDIO
PWR
Power supply for differential outputs
70
GND
GND
Ground pin.
71
DIF18
OUT
Differential true clock output
72
DIF18#
OUT
Differential Complementary clock output
73
epad
GND
Connect EPAD to ground.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn