Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950 Fiches technique(PDF) 12 Page - Integrated Device Technology

No de pièce 9ZXL1950
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 Fiches technique(HTML) 12 Page - Integrated Device Technology

Back Button 9ZXL1950_17 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 14Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 15Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS12
MAY 11, 2017
9ZXL1950 DATASHEET
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBusTable: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
RID3
R
X
Bit 6
RID2
R
X
Bit 5
RID1
R
X
Bit 4
RID0
R
X
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBusTable: DEVICE ID
Pin #
Name
Control Function
Type0
1
Default
Bit 7
R1
Bit 6
R1
Bit 5
R0
Bit 4
R0
Bit 3
R0
Bit 2
R0
Bit 1
R1
Bit 0
R1
SMBusTable: Byte Count Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
Reserved
Device ID 6
Reserved
Device ID 3
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
1950 is 195 Decimal
or C3 Hex
1550 is 155 Decimal
or 9B Hex
Device ID 7 (MSB)
Reserved
Device ID 5
Byte 7
-
-
-
-
-
-
Byte 6
-
-
Byte 5
Byte 4
-
-
-
-
-
Reserved
Reserved
Reserved
Reserved
-
Reserved
Device ID 0
-
-
Byte 8
-
-
-
-
Device ID 2
Device ID 1
Device ID 4
REVISION ID
A rev = 0000
B rev = 0001
etc.
Reserved
Default value is 8 hex, so 9
bytes (0 to 8) will be read back
by default.
Writing to this register configures how
many bytes will be read back.
-
Reserved
VENDOR ID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn