Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9ZXL1950 Fiches technique(PDF) 17 Page - Integrated Device Technology

No de pièce 9ZXL1950
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 Fiches technique(HTML) 17 Page - Integrated Device Technology

Back Button 9ZXL1950_17 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 14Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 15Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 16Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 17Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MAY 11, 2017
17 19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS
9ZXL1950 DATASHEET
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Package
Package
Temperature
9ZXL1950BKLF
Trays
72-pin VFQFPN
0 to +70°C
9ZXL1950BKLFT
Tape and Reel
72-pin VFQFPN
0 to +70°C
Rev.
Issuer
Issue Date Description
Page #
A
RDW
3/11/2014
Moved to final.
B
RDW
3/7/2015
1. Cleaned up output pin names to be DIFxx instead of DIF_xx
2. Updated electrical tables to new format
3. Updated ordering info to B rev along with Rev ID.
4. Updated termination schemes for driving LVDS.
5. Minor cleanup/reformatting of DS, including front page text.
Various
C
RDW
6/16/2015
Added landing pattern from POD
17
D
RDW
7/30/2015
1. Tightened O2O spec from 75 to 50ps
2. Added epad (pin 73) to power connections table
3. Updated pin 73 pin name from "GND" to "epad"
4. Clarified SMBus operating frequency by removing the word "Maximum"
and updated the symbol from fMINSMB to fSMB
5. Tightened duty cycle distortion and additive cycle to cycle jitter specs
6. Updated Rs from 7 to 7.5 ohms in Test Loads Table
7. Replaced LVDS termination info with reference to AN891.
1,8
2
4
6
8
9
13
E
RDW
11/20/2015
1. Updated QPI references to QPI/UPI
2. Updated DIF_IN table to match PCI SIG specification, no silicon change
1,5
F
RDW
5/11/2017
Updated package outline drawings to latest version.
14-16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn