Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4110 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce 1N4110
Description  Consolidated shipping options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4110 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  1N4110 Datasheet HTML 1Page - Central Semiconductor Corp 1N4110 Datasheet HTML 2Page - Central Semiconductor Corp 1N4110 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4099 THRU 1N4135
SILICON ZENER DIODE
LOW NOISE
6.8 VOLT THRU 100 VOLT
250mW, 5% TOLERANCE
DO-35 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
IZM
ND @ 250μA
V
V
V
μA
Ω
μA
V
mA
μV/ Hz
1N4122
34.20
36
37.80
250
200
0.01
27.4
6.6
40
1N4123
37.05
39
40.95
250
200
0.01
29.7
6.1
40
1N4124
40.85
43
45.15
250
250
0.01
32.7
5.5
40
1N4125
44.65
47
49.35
250
250
0.01
35.8
5.1
40
1N4126
48.45
51
53.55
250
300
0.01
38.8
4.6
40
1N4127
53.20
56
58.80
250
300
0.01
42.6
4.2
40
1N4128
57.00
60
63.00
250
400
0.01
45.6
4.0
40
1N4129
58.90
62
65.10
250
500
0.01
47.1
3.8
40
1N4130
64.60
68
71.40
250
700
0.01
51.7
3.5
40
1N4131
71.25
75
78.75
250
700
0.01
57.0
3.1
40
1N4132
77.90
82
86.10
250
800
0.01
62.4
2.9
40
1N4133
82.65
87
91.35
250
1.0K
0.01
66.2
2.7
40
1N4134
86.45
91
95.55
250
1.2K
0.01
69.2
2.6
40
1N4135
95.00
100
105.0
250
1.5K
0.01
76.0
2.3
40
www.centr a lsemi.com
R1 (4-February 2014)


Numéro de pièce similaire - 1N4110

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4110 CDI-DIODE-1N4110 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4110 MCC-1N4110 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4110 KNOX-1N4110 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4110 MICROSEMI-1N4110 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4110 MICROSEMI-1N4110 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Description similaire - 1N4110

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
   Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com