Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MZT8-2V8-N-KQ0 Fiches technique(PDF) 5 Page - SICK AG

No de pièce MZT8-2V8-N-KQ0
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

MZT8-2V8-N-KQ0 Fiches technique(HTML) 5 Page - SICK AG

  MZT8-2V8-N-KQ0 Datasheet HTML 1Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 2Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 3Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 4Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 5Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MZT8-2V8-N-KQ0 | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Brief description
Type
Part no.
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-130
2077684
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-25
2077682
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
63 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-63
2077683
Mounting bracket for mounting on SMC rails CDQ2 (T-slot), Aluminum, without mounting
hardware
BEF-KHZ-TT2
2046440
Mounting bracket for mounting on SMC rails ECDQ2 (T-slot), Aluminum, without mount-
ing hardware
BEF-KHZ-TT1
2046439
Device protection (mechanical)
Protective adapter, die-cast zinc, mounting hardware included
BEF-SG-MRZT
2077201
Modules and gateways
NAMUR isolatig amplifier, Cable fault detection, Switching outputs: 2 NO relay (1 per
channel), Supply voltage: 24 V ... 230 V, Voltage type: AC/DC
EN2-2EX1
6041096
NAMUR isolatig amplifier, Cable fault detection, Switching outputs: 2 NO relay (1 per
channel), Supply voltage: 19,2 V ... 30 V, Voltage type: DC
EN2-2EX3
6041095
Plug connectors and cables
Head A: female connector, M12, 3-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1203-G02MC
6039075
Head A: female connector, M12, 3-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1203-G05MC
6039076
Head A: female connector, M12, 3-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1203-W02MC
6039078
Head A: female connector, M12, 3-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1203-W05MC
6039079
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
5


Numéro de pièce similaire - MZT8-2V8-N-KQ0

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
MZT8-2V8-N-KP0 SICK-MZT8-2V8-N-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KR0 SICK-MZT8-2V8-N-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KW0 SICK-MZT8-2V8-N-KW0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWA SICK-MZT8-2V8-N-KWA Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWB SICK-MZT8-2V8-N-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Description similaire - MZT8-2V8-N-KQ0

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com