Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MZT8-2V8-N-KQ0 Fiches technique(PDF) 2 Page - SICK AG

No de pièce MZT8-2V8-N-KQ0
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

MZT8-2V8-N-KQ0 Fiches technique(HTML) 2 Page - SICK AG

  MZT8-2V8-N-KQ0 Datasheet HTML 1Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 2Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 3Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 4Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 5Page - SICK AG MZT8-2V8-N-KQ0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-2V8-N-KQ0 | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT8-2V8-N-KQ0
1070467
Other models and accessories
www.sick.com/MZT8_ATEX
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
24 mm
Output type
NAMUR 1)
Switching frequency
1,000 Hz
Electrical wiring
DC 2-wire
Enclosure rating
IP67 2)
1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤
100 mW).
2) According to EN 60529 (IP 67 / IP 68).
Mechanics/electronics
Supply voltage
8.2 V DC ... 20 V DC 1)
Power consumption
≤ 10 mA 2)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 60 mA 1)
Ex area category
1G, 1D
Device labeling
II 1G Ex ia IIC T4 Ga, II 1D Ex ia IIIC T135 °C Da
Response sensitivity, typ.
2.8 mT
1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤
100 mW).
2) Without load.
3) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


Numéro de pièce similaire - MZT8-2V8-N-KQ0

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
MZT8-2V8-N-KP0 SICK-MZT8-2V8-N-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KR0 SICK-MZT8-2V8-N-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KW0 SICK-MZT8-2V8-N-KW0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWA SICK-MZT8-2V8-N-KWA Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWB SICK-MZT8-2V8-N-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Description similaire - MZT8-2V8-N-KQ0

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com