Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA0508JRX5R0BB121 Fiches technique(PDF) 17 Page - YAGEO Corporation

No de pièce CA0508JRX5R0BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JRX5R0BB121 Fiches technique(HTML) 17 Page - YAGEO Corporation

Back Button CA0508JRX5R0BB121 Datasheet HTML 9Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 10Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 11Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 12Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 13Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 14Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 15Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 16Page - YAGEO Corporation CA0508JRX5R0BB121 Datasheet HTML 17Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
17
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 4
Nov. 10, 2015 -
- Product range updated
Version 3
May 21, 2014
-
- Product range updated
Version 2
Jun. 17, 2013
-
- Product range updated
Version 1
Feb 05, 2010
-
- The statement of "Halogen Free" on the cover added
Version 0
Jun 22, 2009
-
- New datasheet for 4C-Array series with RoHS compliant
- Replace from pdf files: 0508_16V to 50V_1, 0612_16V to 50V_0,
C-Array_NP0_50V_0508_7, C-Array_NP0_50V_0612_7,
C-Array_X7R_16V_25V_50V_0612_6, C-Array_X7R_16V_0508_5,
C-Array_Y5V_25V_0508_0, C-Array_Y5V_25V_0612_5
- Define global part number
- Description of "Halogen Free compliant" added
- Test method and procedure updated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn