Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBN9603 Fiches technique(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce USBN9603
Description  Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9603 Fiches technique(HTML) 22 Page - National Semiconductor (TI)

Back Button USBN9603 Datasheet HTML 18Page - National Semiconductor (TI) USBN9603 Datasheet HTML 19Page - National Semiconductor (TI) USBN9603 Datasheet HTML 20Page - National Semiconductor (TI) USBN9603 Datasheet HTML 21Page - National Semiconductor (TI) USBN9603 Datasheet HTML 22Page - National Semiconductor (TI) USBN9603 Datasheet HTML 23Page - National Semiconductor (TI) USBN9603 Datasheet HTML 24Page - National Semiconductor (TI) USBN9603 Datasheet HTML 25Page - National Semiconductor (TI) USBN9603 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
www.national.com
6.0
Functional Description
6.1
FUNCTIONAL STATES
6.1.1
Line Condition Detection
At any given time, the USBN9603 is in one of the following states (see Section 6.1.2 for the functional state transitions):
NodeOperational
Normal operation
NodeSuspend
Device operation suspended due to USB inactivity
NodeResume
Device wake-up from suspended state
NodeReset
Device reset
The NodeSuspend, NodeResume, or NodeReset line condition causes a transition from one operating state to another.
These conditions are detected by specialized hardware and reported via the Alternate Event (ALTEV) register. If interrupts
are enabled, an interrupt is generated upon the occurrence of any of the specified conditions.
NodeOperational
This is the normal operating state of the device. In this state, the node is configured for operation on the USB bus.
NodeSuspend
A USB device is expected to enter NodeSuspend state when 3 mS have elapsed without any detectable bus activity. The
USBN9603 looks for this event and signals it by setting the SD3 bit in the ALTEV register, which causes an interrupt, if en-
abled, to be generated. The firmware should respond by putting the USBN9603 in NodeSuspend state.
IThe USBN9603 can resume normal operation under firmware control in response to a local event at the host controller. It
can wake up the USB bus via a NodeResume, or when detecting a resume command on the USB bus, which signals an
interrupt to the host controller.
NodeResume
If the host has enabled remote wake-ups from the node, the USBN9603 can initiate a remote wake-up.
Once the firmware detects the event, which wakes up the bus, it releases the USBN9603 from NodeSuspend state by initi-
ating a NodeResume on the USB using the NFSR register. The node firmware must ensure at least 5 mS of Idle on the USB.
While in NodeResume state, a constant “K” is signalled on the USB. This should last for at least 1 mS and no more than 5
mS, after which the USB host should continue sending the NodeResume signal for at least an additional 20 mS, and then
completes the NodeResume operation by issuing the End Of Packet (EOP) sequence.
To successfully detect the EOP, the firmware must enter USB NodeOperational state by setting the NFSR register.
If no EOP is received from the host within 100 mS, the software must reinitiate NodeResume.
NodeReset
When detecting a NodeResume or NodeReset signal while in NodeSuspend state, the USBN9603 can signal this to the main
controller by generating an interrupt.
USB specifications require that a device must be ready to respond to USB tokens within 10 mS after wake-up or reset.
6.1.2
Functional State Transition
Figure 18 shows the device states and transitions, as well as the conditions that trigger each transition. All USBN9603 state
transitions are initiated by the firmware.


Numéro de pièce similaire - USBN9603

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
USBN9603 TI-USBN9603 Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603-28M NSC-USBN9603-28M Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28M/NOPB TI-USBN9603-28M/NOPB Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9603-28MX/NOPB TI-USBN9603-28MX/NOPB Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results

Description similaire - USBN9603

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
logo
Texas Instruments
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
[Old version datasheet]   USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com