Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD6420 Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CD6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CD6420 Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CD6420 Datasheet HTML 3Page - Cirrus Logic CD6420 Datasheet HTML 4Page - Cirrus Logic CD6420 Datasheet HTML 5Page - Cirrus Logic CD6420 Datasheet HTML 6Page - Cirrus Logic CD6420 Datasheet HTML 7Page - Cirrus Logic CD6420 Datasheet HTML 8Page - Cirrus Logic CD6420 Datasheet HTML 9Page - Cirrus Logic CD6420 Datasheet HTML 10Page - Cirrus Logic CD6420 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
CS6420
DS205PP2
7
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
1
µF
+
0.1
µF
1
µF
+
0.47
µF
10
µF
22pF
Telephone
Line Out
Telephone
Line In
From
Microprocessor
22pF
+5V Analog
0.022
µF
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
0.47
µF
3300 pF
12.1 k
17
4
15
16
ferrite bead
1.5 k
+5V Analog
10 k
Figure 2. Typical Connection Diagram (Microphone Preamplifier Enabled)
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
1
µF
+
0.1
µF
1
µF
+
0.47
µF
10
µF
22pF
Telephone
Line Out
Telephone
Line In
From
Microprocessor
22pF
+5V Analog
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
0.47
µF
3300 pF
12.1 k
17
4
15
16
ferrite bead
3300 pF
0.47
µF
near-end
input
6.04 k
Figure 3. Typical Connection Diagram (Microphone Preamplifier Disabled)


Numéro de pièce similaire - CD6420

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
CD64.1101.151 SCHURTER-CD64.1101.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD64.4101.151 SCHURTER-CD64.4101.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Compensated Deuices Inc...
CD645 CDI-DIODE-CD645 Datasheet
70Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
CD645 MICROSEMI-CD645 Datasheet
45Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results

Description similaire - CD6420

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS6422 CIRRUS-CS6422 Datasheet
873Kb / 48P
   Enhanced Full-Duplex Speakerphone IC
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
   Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
List of Unclassifed Man...
ISD-T360SB ETC-ISD-T360SB Datasheet
1Mb / 109P
   VoiceDSP Digital Speech Processor with Master/Slave, Full-Duplex Speakerphone, Multiple Flash and ARAM/DRAM Support
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
CML Microcircuits
DB118 CMLMICRO-DB118 Datasheet
368Kb / 7P
   Full-Duplex Audio Processing
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Maxim Integrated Produc...
78Q2123 MAXIM-78Q2123 Datasheet
351Kb / 37P
   Full duplex operation capable
Rev. 2.0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com