Moteur de recherche de fiches techniques de composants électroniques |
|
CA0508JPY5V0BN121 Fiches technique(PDF) 14 Page - YAGEO Corporation |
|
CA0508JPY5V0BN121 Fiches technique(HTML) 14 Page - YAGEO Corporation |
14 / 17 page www.yageo.com Nov. 10, 2015 V.4 Surface-Mount Ceramic Multilayer Capacitors 14 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V TEST TEST METHOD PROCEDURE REQUIREMENTS Bond Strength of Plating on End Face IEC 60384- 21/22 4.8 Mounting in accordance with IEC 60384-22 paragraph 4.3 No visible damage Conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm Δ C/C Class 1: NP0: within ± 1% or 0.5 pF, whichever is greater Class2: X5R/X7R/Y5V: ± 10% Resistance to Soldering Heat 4.9 Precondition: 150 +0/–10 °C for 1 hour, then keep for 24 ± 1 hours at room temperature Preheating: for size ≤ 1206: 120 °C to 150 °C for 1 minute Preheating: for size >1206: 100 °C to 120 °C for 1 minute and 170 °C to 200 °C for 1 minute Solder bath temperature: 260 ± 5 °C Dipping time: 10 ± 0.5 seconds Recovery time: 24 ±2 hours Dissolution of the end face plating shall not exceed 25% of the length of the edge concerned Δ C/C Class 1: NP0: within ± 0.5% or 0.5 pF, whichever is greater Class2: X5R/X7R: ± 10% Y5V: ± 20% D.F. within initial specified value Rins within initial specified value Solderability 4.10 Preheated the temperature of 80 °C to 140 °C and maintained for 30 seconds to 60 seconds. Test conditions for lead containing solder alloy Temperature: 235 ± 5 °C Dipping time: 2 ± 0.2 seconds Depth of immersion: 10 mm Alloy Composition: 60/40 Sn/Pb Number of immersions: 1 Test conditions for leadfree containing solder alloy Temperature: 245 ± 5 °C Dipping time: 3 ± 0.3 seconds Depth of immersion: 10 mm Alloy Composition: SAC305 Number of immersions: 1 The solder should cover over 95% of the critical area of each termination |
Numéro de pièce similaire - CA0508JPY5V0BN121 |
|
Description similaire - CA0508JPY5V0BN121 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |