Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSUU120-105 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPSUU120-105
Description  120W U Bracket Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSUU120-105 Fiches technique(HTML) 2 Page - Total Power International

  TPSUU120-105 Datasheet HTML 1Page - Total Power International TPSUU120-105 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPU15C-110
5~6VDC
3~5VDC
6~9VDC
9~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
22.00~20.00 A
22.00~18.33 A
19.16~12.77 A
13.33~10.90 A
10.90~9.23 A
9.23~7.50 A
7.50~5.71 A
5.71~4.44 A
4.44~3.63 A
3.63~3.00 A
3.00~2.40 A
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
5%
5%
4%
3%
3%
3%
2%
2%
2%
2%
5%
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
110W
115W
120W
120W
120W
120W
120W
120W
120W
120W
100W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
TPSUU120-101
TPSUU120-102
TPSUU120-103
TPSUU120-104
TPSUU120-105
TPSUU120-106
TPSUU120-107
TPSUU120-108
TPSUU120-109
TPSUU120-110
TPSUU120-111
+3.3V
+3.3V
+
V
28
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
1.5A
1.5A
1.5A
1.5A
1. A
5
1.5A
0. A
4
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
15A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
+12V
+12V
+15V
+24V
+5V
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0. A
6
0. A
8
0. A
6
0. A
4
0. A
8
0. A
6
0. A
8
0. A
8
1.0A
0.
A
45
0. A
4
0. A
8
6A
6A
6A
3.5A
6A
6A
6A
6A
6A
3.5A
6A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0A
0A
0A
0A
0A
0A
0.8A
0.8A
0.8A
0.8A
0. A
8
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
120W
120W
120W
1 0
2 W
79.5W
1 0
2 W
120W
120W
120W
120W
120W
120W
120W
120W
+5V
+5V
+5V
+5V
15A
15A
15A
15A
15A
3.92A
15A
15A
15A
15A
15A
15A
15A
+3.3V
1.5A
5%
+12V
0. A
6
6A
5%
+12V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0. A
8
6A
5%
+5V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0. A
8
6A
5%
+12V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+15V
1.0A
6A
5%
+15V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+24V 0.
A
45
3.5A
5%
+24V 0
A
.25
0. A
8
5%
120W
15A
3.5A
+5V
1.5A
5%
+24V
0. A
4
5%
+12V
0A 0.8A
5%
120W
15A
3.5A
+3.3V
1.5A
5%
+12V
0. A
8
6A
5%
+5V
0A 0.8A
5%
120W
15A
+ V
5
1.5A
5%
+1 V
0
0. A
6
6A
5%
-10V
0A 1.0A
5%
120W
15A
+ V
5
1.5A
5%
+1 V
0
0. A
6
6A
5%
+10V
0A 1.0A
5%
120W
15A
+
V
3.3
1.5A
5%
+ V
5
0. A
8
6A
5%
-12V
0A 1.0A
5%
91.5W
15A
+
V
3.3
1.5A
5%
+ V
5
0. A
8
6A
5%
+12V
0A 1.0A
5%
15A
91.5W
0
A
.25
-24V
+5V
0. A
2
0A
2A
5%
5%
2A
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
TPSUU120-200
TPSUU120-201
TPSUU120-202
TPSUU120-203
TPSUU120-204
TPSUU120-215
TPSUU120-219
TPSUU120-300
TPSUU120-301
TPSUU120-302
TPSUU120-303
TPSUU120-304
TPSUU120-305
TPSUU120-306
TPSUU120-300-1
TPSUU120-301-1
TPSUU120-302-1
TPSUU120-303-1
TPSUU120-304-1
TPSUU120-305-1
TPSUU120-306-1
TPSUU120-307
TPSUU120-307-1
TPSUU120-308
TPSUU120-308-1
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
PFD
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
PFD
PFD
Vo2
COM
COM
COM
COM
Vo3
N/C
COM
COM
COM
COM
N/C
PFD
N/C
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
Vo3
N/C
PFD
N/C
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
Vo3
TPSUU120-3XX
TPSUU120-2XX
TPSUU120-219
TPSUU120-1XX
PIN
MODEL
TPSUU120-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:476~582gsapprox.
3.InputconnectormateswithMolexhousing09-52-4054andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing09-52-4134andMolex2478seriescrimpterminal.
TPSUU120 SERIES
120WUBracketType
I.T.E.PowerSupplies
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Numéro de pièce similaire - TPSUU120-105

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPSUU101-101 TOTAL-POWER-TPSUU101-101 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU101-102 TOTAL-POWER-TPSUU101-102 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU101-103 TOTAL-POWER-TPSUU101-103 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU101-104 TOTAL-POWER-TPSUU101-104 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU101-105 TOTAL-POWER-TPSUU101-105 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
More results

Description similaire - TPSUU120-105

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
SUU120 ASTRODYNE-SUU120 Datasheet
338Kb / 2P
   120W U-bracket Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSUU-60 TOTAL-POWER-TPSUU-60 Datasheet
290Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU-101 TOTAL-POWER-TPSUU-101 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU-150 TOTAL-POWER-TPSUU-150 Datasheet
279Kb / 2P
   150W U Bracket Type I.T.E. Power Supplies
TPSUU-61 TOTAL-POWER-TPSUU-61 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU-180 TOTAL-POWER-TPSUU-180 Datasheet
756Kb / 2P
   180W U Bracket Type I.T.E Power Supplies
TPSUU-151 TOTAL-POWER-TPSUU-151 Datasheet
271Kb / 2P
   150W U Bracket Type I.T.E. Power Supplies
TPSUU-300 TOTAL-POWER-TPSUU-300 Datasheet
331Kb / 2P
   300W U Bracket Type I.T.E. Power Supplies
TPSUU-100 TOTAL-POWER-TPSUU-100 Datasheet
257Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU-250 TOTAL-POWER-TPSUU-250 Datasheet
362Kb / 2P
   250W U Bracket Type I.T.E. Power Supplies
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com