Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA0508JPX7R9BN121 Datasheet(Fiches technique) 3 Page - YAGEO Corporation

Numéro de pièce CA0508JPX7R9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JPX7R9BN121 Datasheet(HTML) 3 Page - YAGEO Corporation

  CA0508JPX7R9BN121 Datenblatt HTML 1Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 2Page - YAGEO Corporation CA0508JPX7R9BN121 Datasheet HTML 3Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 4Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 5Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 6Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 7Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 8Page - YAGEO Corporation CA0508JPX7R9BN121 Datenblatt HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
3
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CONSTRUCTION
The capacitor consists of a rectangular
block of ceramic dielectric in which
a number of interleaved metal
electrodes are contained. This
structure gives rise to a high
capacitance per unit volume.
The inner electrodes are connected
to the two end terminations and
finally covered with a layer of
plated tin (NiSn).
The terminations are lead-free.
An outline of the structure is
shown in Fig.1.
Fig. 1 Simplified outline
O
OU
UT
TL
LIIN
NE
ES
S
For dimensions see Table 1
Fig. 2 Surface mounted multilayer ceramic capacitor dimension
DIMENSIONS
TYPE
0508
(4 X 0402)
0612
(4 X 0603)
L (mm)
2.0 ± 0.15
3.2 ± 0.15
W (mm)
1.25 ± 0.15
1.60 ± 0.15
Tmin. (mm)
0.50
0.70
Tmax. (mm)
0.70
0.90
A (mm)
0.28 ± 0.10
0.4 ± 0.10
B (mm)
0.2 ± 0.10
0.3 ± 0.20
P (mm)
0.5 ± 0.10
0.8 ± 0.10
Table 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn