Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2054BDR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2054BDR
Description  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2054BDR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2054BDR Datasheet HTML 7Page - Texas Instruments TPS2054BDR Datasheet HTML 8Page - Texas Instruments TPS2054BDR Datasheet HTML 9Page - Texas Instruments TPS2054BDR Datasheet HTML 10Page - Texas Instruments TPS2054BDR Datasheet HTML 11Page - Texas Instruments TPS2054BDR Datasheet HTML 12Page - Texas Instruments TPS2054BDR Datasheet HTML 13Page - Texas Instruments TPS2054BDR Datasheet HTML 14Page - Texas Instruments TPS2054BDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 2.7 V
TJ − Junction Temperature − °C
VI = 3.3 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 2.7 V
TJ − Junction Temperature − °C
VI = 3.3 V
TJ − Junction Temperature − °C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 2.7 V
VI = 3.3 V
VI = 5.5 V
VI = 5 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − °C
0
10
20
30
40
50
60
70
80
90
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − °C
0
20
40
60
80
100
120
−50
0
50
100
150
VI = 5.5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − °C
VI = 5 V
11
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
www.ti.com
SLVS514M – JUNE 2010 – REVISED JUNE 2016
Product Folder Links: TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. TPS2043B and TPS2053B Supply Current, Output
Enabled vs Junction Temperature
Figure 8. TPS2044B TPS2054B Supply Current, Output
Enabled vs Junction Temperature
Figure 9. TPS2041B TPS2051B Supply Current, Output
Disabled vs Junction Temperature
Figure 10. TPS2042B and TPS2052B Supply Current, Output
Disabled vs Junction Temperature
Figure 11. TPS2043B and TPS2053B Supply Current, Output
Disabled vs Junction Temperature
Figure 12. TPS2044B and TPS2054B Supply Current, Output
Disabled vs Junction Temperature


Numéro de pièce similaire - TPS2054BDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2054BDR TI-TPS2054BDR Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054BDR TI-TPS2054BDR Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054BDR TI-TPS2054BDR Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054BDRG4 TI-TPS2054BDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2054BDRG4 TI-TPS2054BDRG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2054BDR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com