Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2052BDRBR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2052BDRBR
Description  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2052BDRBR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2052BDRBR Datasheet HTML 4Page - Texas Instruments TPS2052BDRBR Datasheet HTML 5Page - Texas Instruments TPS2052BDRBR Datasheet HTML 6Page - Texas Instruments TPS2052BDRBR Datasheet HTML 7Page - Texas Instruments TPS2052BDRBR Datasheet HTML 8Page - Texas Instruments TPS2052BDRBR Datasheet HTML 9Page - Texas Instruments TPS2052BDRBR Datasheet HTML 10Page - Texas Instruments TPS2052BDRBR Datasheet HTML 11Page - Texas Instruments TPS2052BDRBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
SLVS514M – JUNE 2010 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
7.5 Electrical Characteristics
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.5 A, VI(/ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
rDS(on)
Static drain-source on-state
resistance, 5-V operation
and 3.3-V operation
VI(IN) = 5 V or 3.3 V, IO = 0.5 A,
-40°C
≤ TJ ≤ 125°C
D and DGN packages
70
135
m
DBV package only
95
140
Static drain-source on-state
resistance, 2.7-V operation
VI(IN) = 2.7 V, IO = 0.5 A,
–40°C
≤ TJ ≤ 125°C
D and DGN packages
75
150
m
Static drain-source on-state
resistance, 5-V operation
VI(IN) = 5 V, IO = 1 A, OUT1 and OUT2
connected, 0°C
≤ TJ ≤ 70°C
DGN package,
TPS2042B/52B
49
m
tr
Rise time, output
VI(IN) = 5.5 V
CL = 1 μF,
RL = 10 Ω
TJ = 25°C
0.6
1.5
ms
VI(IN) = 2.7 V
0.4
1
tf
Fall time, output
VI(IN) = 5.5 V
0.05
0.5
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN AND ENx
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
II
Input current
VI(ENx) = 0 V or 5.5 V
–0.5
0.5
μA
ton
Turnon time
CL = 100 μF, RL = 10 Ω
3
ms
toff
Turnoff time
CL = 100 μF, RL = 10 Ω
10
CURRENT LIMIT
IOS
Short-circuit output current
VI(IN) = 5 V, OUT connected to GND,
device enabled into short-circuit
TJ = 25°C
0.75
1
1.25
A
–40°C
≤ TJ ≤ 125°C
0.7
1
1.3
VI(IN) = 5 V, OUT1 and OUT2 connected to
GND, device enabled into short-circuit,
measure at IN
0°C
≤ TJ ≤ 70°C
TPS2042B/52B
1.5
IOC
Overcurrent trip threshold
VIN = 5 V, 100 A/s
TPS2041B/51B
IOS
1.5
1.9
A
TPS2042B/52B
IOS
1.55
2
SUPPLY CURRENT (TPS2041B, TPS2051B)
Supply current, low-level output
No load on OUT, VI(ENx) = 5.5 V,
or VI(ENx) = 0 V
TJ = 25°C
0.5
1
μA
-40°°C
≤ TJ ≤ 125°C
0.5
5
Supply current, high-level output
No load on OUT, VI(ENx) = 0 V,
or VI(ENx) = 5.5 V
TJ = 25°C
43
60
μA
–40°C
≤ TJ ≤ 125°C
43
70
Leakage current
OUT connected to ground, VI(ENx) = 5.5 V,
or VI(ENx) = 0 V
–40°C
≤ TJ ≤ 125°C
1
μA
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0
μA


Numéro de pièce similaire - TPS2052BDRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2052BDRBR TI-TPS2052BDRBR Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2052BDRBR TI-TPS2052BDRBR Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

Description similaire - TPS2052BDRBR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com