Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25010U Fiches technique(PDF) 8 Page - Catalyst Semiconductor

No de pièce CAT25010U
Description  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010U Fiches technique(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25010U Datasheet HTML 3Page - Catalyst Semiconductor CAT25010U Datasheet HTML 4Page - Catalyst Semiconductor CAT25010U Datasheet HTML 5Page - Catalyst Semiconductor CAT25010U Datasheet HTML 6Page - Catalyst Semiconductor CAT25010U Datasheet HTML 7Page - Catalyst Semiconductor CAT25010U Datasheet HTML 8Page - Catalyst Semiconductor CAT25010U Datasheet HTML 9Page - Catalyst Semiconductor CAT25010U Datasheet HTML 10Page - Catalyst Semiconductor CAT25010U Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT25010/20/40
Doc. No. 1006, Rev. L
Figure 7. WRSR Timing
Figure 6. Write Instruction Timing
array because the write enable latch will not have been
properly set. Also, for a successful write operation the
address of the memory location(s) to be programmed
must be outside the protected address field location
selected by the block protection level.
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
8-bit address for 25010/20/40 (for the 25040, bit 3 of the
read data instruction contains address A8). Programming
will start after the
CS is brought high. Figure 6 illustrates
byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
The Status Register can be read to determine if the write
cycle is still in progress. If Bit 0 of the Status Register is
set at 1, write cycle is in progress. If Bit 0 is set at 0, the
Note: Dashed Line= mode (1, 1) – ––––
*X=0 for 25010, 25020 ; X=A8 for 25040
Note: Dashed Line= mode (1, 1) – ––––
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
device is ready for the next instruction
Page Write
The CAT25010/20/40 features page write capability.
After the initial byte, the host may continue to write up to
16 bytes of data to the CAT25010/20/40. After each
byte of data received, lower order address bits are
internally incremented by one; the high order bits of
address will remain constant. The only restriction is that
the X (X=16 for CAT25010/20/40) bytes must reside on
the same page. If the address counter reaches the end
of the page and clock continues, the counter will “roll
over” to the first address of the page and overwrite any
data that may have been written. The CAT25010/20/40
is automatically returned to the write disable state at the
completion of the write cycle. Figure 8 illustrates the
page write sequence.
To write to the status register, the WRSR instruction
should be sent. Only Bit 2 and Bit 3 of the status register
can be written using the WRSR instruction. Figure 7
illustrates the sequence of writing to status register.


Numéro de pièce similaire - CAT25010U

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25010 ONSEMI-CAT25010 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
More results

Description similaire - CAT25010U

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com