Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61160 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS61160
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS61160_17 Datasheet HTML 5Page - Texas Instruments TPS61160_17 Datasheet HTML 6Page - Texas Instruments TPS61160_17 Datasheet HTML 7Page - Texas Instruments TPS61160_17 Datasheet HTML 8Page - Texas Instruments TPS61160_17 Datasheet HTML 9Page - Texas Instruments TPS61160_17 Datasheet HTML 10Page - Texas Instruments TPS61160_17 Datasheet HTML 11Page - Texas Instruments TPS61160_17 Datasheet HTML 12Page - Texas Instruments TPS61160_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
t-1
s/div
m
SW
20V/div
VOUT
20mV/div
AC
I
200mA/div
L
t-2ms/div
CTRL
5V/div
VOUT
10V/div
COMP
500mV/div
I
200mA/div
L
0
40
80
120
160
200
0
20
40
60
80
100
PWMDutyCycle-%
10kHz,40kHz
t-100
s/div
m
PWM2V/div
VOUT 20mV/div AC
I
10mA/div
LED
300
400
500
600
700
800
900
1000
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
EasyScaleStepStep
9
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 5. Switch Current Limit vs Temperature
Figure 6. FB Voltage vs EasyScale Step
Figure 7. FB Voltage vs PWM Duty Cycle
Figure 8. Output Ripple At PWM Dimming
Figure 9. Switching Waveform
Figure 10. Start-Up


Numéro de pièce similaire - TPS61160_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Description similaire - TPS61160_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com