Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54618-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54618-Q1
Description  2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54618-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS54618-Q1 Datasheet HTML 1Page - Texas Instruments TPS54618-Q1 Datasheet HTML 2Page - Texas Instruments TPS54618-Q1 Datasheet HTML 3Page - Texas Instruments TPS54618-Q1 Datasheet HTML 4Page - Texas Instruments TPS54618-Q1 Datasheet HTML 5Page - Texas Instruments TPS54618-Q1 Datasheet HTML 6Page - Texas Instruments TPS54618-Q1 Datasheet HTML 7Page - Texas Instruments TPS54618-Q1 Datasheet HTML 8Page - Texas Instruments TPS54618-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TPS54618-Q1
www.ti.com
SLVSBY9D – AUGUST 2013 – REVISED JANUARY 2016
6.5 Electrical Characteristics
at TJ = –40°C to 125°C, VIN = 2.95 to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
2.95
6
V
VIN UVLO STOP
2.28
2.5
Internal undervoltage lockout threshold
V
VIN UVLO START
2.45
2.6
Shutdown supply current
EN = 0 V, 25°C, 2.95 V
≤ VIN ≤ 6 V
5.5
15
μA
Quiescent current, Iq
VSENSE = 0.9 V, VIN = 5 V, 25°C, RT = 400 k
515
650
μA
ENABLE AND UVLO (EN PIN)
Rising
1.25
Enable threshold
V
Falling
1.18
Enable threshold + 50 mV
–3.5
Input current
μA
Enable threshold – 50 mV
–1.9
VOLTAGE REFERENCE (VSENSE PIN)
Voltage reference
2.95 V
≤ VIN ≤ 6 V, –40°C <TJ < 150°C
0.791
0.799
0.807
V
MOSFET
BOOT-PH = 5 V
12
25
High-side switch resistance
m
BOOT-PH = 2.95 V
16
33
VIN = 5 V
13
25
Low-side switch resistance
m
VIN = 2.95 V
17
33
ERROR AMPLIFIER
Input current
2
nA
Error amplifier transconductance (gm)
–2
μA < I(COMP) < 2 μA, V(COMP) = 1 V
245
μmhos
Error amplifier transconductance (gm)
–2
μA < I(COMP) < 2 μA, V(COMP) = 1 V,
79
μmhos
during slow-start
Vsense = 0.4 V
Error amplifier source/sink
V(COMP) = 1 V, 100-mV overdrive
±20
μA
COMP to Iswitch gm
25
A/V
CURRENT LIMIT
VIN = 6 V, 25°C < TJ < 150°C
7.46
10.6
15.3
Current limit threshold
A
VIN = 2.95 V, 25°C < TJ < 150°C
7.68
10.2
13.5
THERMAL SHUTDOWN
Thermal shutdown
168
°C
Hysteresis
20
°C
BOOT (BOOT PIN)
BOOT charge resistance
VIN = 5 V
16
BOOT-PH UVLO
VIN = 2.95 V
2.1
V
SLOW-START AND TRACKING (SS/TR PIN)
Charge current
V(SS/TR) = 0.4 V
2
μA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
54
mV
SS/TR to reference crossover
98% normal
1.1
V
SS/TR discharge voltage (Overload)
VSENSE = 0 V
61
mV
SS/TR discharge current (Overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
350
µA
SS discharge current (UVLO, EN, Thermal
VIN = 5 V, V(SS) = 0.5 V
1.9
mA
fault)
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54618-Q1


Numéro de pièce similaire - TPS54618-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
More results

Description similaire - TPS54618-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54678 TI1-TPS54678 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com