Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54418 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54418
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54418 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS54418 Datasheet HTML 4Page - Texas Instruments TPS54418 Datasheet HTML 5Page - Texas Instruments TPS54418 Datasheet HTML 6Page - Texas Instruments TPS54418 Datasheet HTML 7Page - Texas Instruments TPS54418 Datasheet HTML 8Page - Texas Instruments TPS54418 Datasheet HTML 9Page - Texas Instruments TPS54418 Datasheet HTML 10Page - Texas Instruments TPS54418 Datasheet HTML 11Page - Texas Instruments TPS54418 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
-3.75
-3.65
-3.55
-3.45
-3.35
-3.25
-3.15
-3.05
-2.95
-2.85
-2.75
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Ien= Threshold+50mV
IN
-1.25
-1.15
-1.05
-0.95
-0.85
-0.75
-0.65
-0.55
-0.45
-0.35
-0.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Ien= Threshold-50mV
IN
40
45
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V,rising
IN
V
=3.3V,falling
IN
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vsense-V
VsenseFalling
VsenseRising
140
160
180
200
220
240
260
280
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
TPS54418
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 8. Transconductance vs Junction Temperature
Figure 7. Switching Frequency vs Vsense
Figure 10. Enable Pin Voltage vs Junction Temperature
Figure 9. Transconductance (Soft-Start) vs Junction
Temperature
Figure 11. Pin Current vs Junction Temperature
Figure 12. Pin Current vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54418


Numéro de pièce similaire - TPS54418

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418ARTER TI1-TPS54418ARTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Description similaire - TPS54418

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com