Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53317RGBR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53317RGBR
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS53317RGBR Datasheet HTML 4Page - Texas Instruments TPS53317RGBR Datasheet HTML 5Page - Texas Instruments TPS53317RGBR Datasheet HTML 6Page - Texas Instruments TPS53317RGBR Datasheet HTML 7Page - Texas Instruments TPS53317RGBR Datasheet HTML 8Page - Texas Instruments TPS53317RGBR Datasheet HTML 9Page - Texas Instruments TPS53317RGBR Datasheet HTML 10Page - Texas Instruments TPS53317RGBR Datasheet HTML 11Page - Texas Instruments TPS53317RGBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C002
V
IN = 2.5 V
V
OUT = 0.6 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C005
V
IN = 2.5 V
V
OUT = 0.75 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C001
V
IN = 1.2 V
V
OUT = 0.6 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C004
V
IN = 1.5 V
V
OUT = 0.75 V
f
SW = 600 kHz PWM
Ambient Temp T
A
TPS53317
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
over recommended free-air temperature range, VV5IN = 5.0 V, PGND = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold 1
80
130
180
Threshold 2
200
250
300
mV
VMODETH
MODE threshold voltage(3)
Threshold 3
370
420
470
Threshold 4
1.765
1.800
1.850
V
IMODE
MODE current
15
µA
(3)
See Table 1 for descriptions of MODE parameters.
6.6 Typical Characteristics
Characterization data tested using the TPS53317EVM-750 where the external tracking input sets the output voltage and
operates in non-droop mode. See SLUU642 for detailed configuration.
Figure 1. Efficiency vs. Output Current
Figure 2. Efficiency vs. Output Current
Figure 3. Efficiency vs. Output Current
Figure 4. Efficiency vs. Output Current
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53317


Numéro de pièce similaire - TPS53317RGBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Description similaire - TPS53317RGBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Texas Instruments
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
logo
Linear Technology
LTC3617 LINER-LTC3617 Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
LTC3617 LINER-LTC3617_15 Datasheet
481Kb / 20P
   6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com