Moteur de recherche de fiches techniques de composants électroniques |
|
TPS53355 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS53355 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 39 page 3 TPS53355 www.ti.com SLUSAE5D – AUGUST 2011 – REVISED NOVEMBER 2016 Product Folder Links: TPS53355 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated Changes from Original (August 2011) to Revision A Page • Changed conversion input voltage from "3 V" to "1.5 V" ....................................................................................................... 1 • Changed VIN input voltage range minimum from "3 V" to "1.5 V" ......................................................................................... 4 • Changed typographical error in THERMAL INFORMATION table......................................................................................... 5 • Changed VIN (main supply) input voltage range minimum from "3 V' to "1.5 V" in Recommended Operating Conditions... 5 • Changed VIN pin power conversion input minimum voltage from "3 V" to "1.5 V" in ELECTRICAL CHARACTERISTICS table ..................................................................................................................................................... 6 • Changed conversion input voltage range from "3 V" to "1.5" in Overview ........................................................................... 14 • Added note to the Functional Block Diagram ....................................................................................................................... 15 • Changed "ripple injection capacitor" to "ripple injection resistor" in Layout Guidelines section ........................................... 29 |
Numéro de pièce similaire - TPS53355_17 |
|
Description similaire - TPS53355_17 |