Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A63XX-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS7A63XX-Q1
Description  300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A63XX-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS7A63XX-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A63XX-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
DESCRIPTION
MIN
MAX
UNIT
VIN, VEN
Unregulated inputs(2)(3)
45
V
VOUT
Regulated output
7
V
FB
Sense voltage for error amplifier(2)
7
V
ROSC
Constant-voltage reference(2)
7
V
nWD_EN,
WD,
Watchdog inputs and outputs(2)
7
V
WD_FLAG,
WD_FLT
nRST
Open-drain reset output(2)
7
V
RDELAY
Reset delay timer output(2)
7
V
TA
Operating ambient temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to GND.
(2)
Absolute negative voltage on these pins not to go below –0.3 V.
(3)
Absolute maximum voltage for duration less than 480 ms.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN, VEN
Unregulated input voltage
4
40
V
nRST, RDELAY, nWD_EN, WD_FLT(1) ,
Low voltage input or output
0
5.25
V
WD_FLAG(2), WD, FB(3)
TJ
Operating junction temperature range
–40
150
°C
(1)
Applicable for TPS7A63xx-Q1 only
(2)
Applicable for TPS746401-Q1 only
(3)
Applicable for TPS7A6301-Q1 and TPS7A6401-Q1 only
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Numéro de pièce similaire - TPS7A63XX-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
More results

Description similaire - TPS7A63XX-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com