Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7B6333-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS7B6333-Q1
Description  300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6333-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7B6333-Q1_17 Datasheet HTML 4Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 5Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 6Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 7Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 8Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 9Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 10Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 11Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Output Current (mA)
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
350
D005
40 °C
25 °C
125 °C
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
50
100
150
200
250
300
D006
Ambient Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
D003
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
5
10
15
20
25
30
35
D004
IOUT = 1 mA
IOUT = 100 mA
Output Current (mA)
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
80
D001
40 °C
25 °C
125 °C
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
D002
IOUT = 1 mA
IOUT = 100 mA
IOUT = 200 mA
8
TPS7B6333-Q1, TPS7B6350-Q1
SLVSDU9A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
VIN = 14 V, VEN ≥ 2 V, TJ = –40ºC to 150ºC unless otherwise noted
Figure 1. Quiescent Current vs Output Current
Figure 2. Quiescent Current vs Input Voltage
Figure 3. Shutdown Current vs Ambient Temperature
Figure 4. Quiescent Current vs Ambient Temperature
Figure 5. Dropout Voltage vs Output Current
IOUT = 200 mA
Figure 6. Dropout Voltage vs Ambient Temperature


Numéro de pièce similaire - TPS7B6333-Q1_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Description similaire - TPS7B6333-Q1_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com