Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A1650QDGNRQ1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A1650QDGNRQ1
Description  60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1650QDGNRQ1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS7A1650QDGNRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A1650QDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Thermal
Pad
1
OUT
8
IN
2
FB/DNC
7
DELAY
3
PG
6
NC
4
GND
5
EN
3
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
www.ti.com
SBVS188D – MARCH 2012 – REVISED MAY 2016
Product Folder Links: TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGN Package
8-Pin HVSSOP With Exposed Thermal Pad
Top View
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DELAY
7
O
Delay pin. Connect a capacitor to GND to adjust the PG delay time; leave open if the reset function is not
needed.
EN
5
I
Enable pin. This pin turns the regulator on or off.
If VEN ≥ VEN_HI, the regulator is enabled.
If VEN ≤ VEN_LO, the regulator is disabled.
If not used, the EN pin can be connected to IN. Make sure that VEN ≤ VIN at all times.
FB/DNC
2
I
For the adjustable version (TPS7A1601-Q1), the feedback pin is the input to the control-loop error amplifier.
This pin is used to set the output voltage of the device when the regulator output voltage is set by external
resistors.
For the fixed voltage versions: Do not connect to this pin. Do not route this pin to any electrical net, not even
GND or IN.
GND
4
Ground pin
IN
8
I
Regulator input supply pin. A capacitor > 0.1 µF must be tied from this pin to ground to assure stability. It is
recommended to connect a 10-µF ceramic capacitor from IN to GND (as close to the device as possible) to
reduce circuit sensitivity to printed-circuit-board (PCB) layout, especially when long input tracer or high source
impedances are encountered.
NC
6
---
This pin can be left open or tied to any voltage between GND and IN.
OUT
1
O
Regulator output pin. A capacitor > 2.2 µF must be tied from this pin to ground to assure stability. It is
recommended to connect a 10-µF ceramic capacitor from OUT to GND (as close to the device as possible) to
maximize ac performance.
PG
3
O
Power-good pin. Open-collector output; leave open or connect to GND if the power-good function is not
needed.
Thermal pad
---
Solder to printed circuit board (PCB) to enhance thermal performance. Although it can be left floating, it is
highly recommended to connect the thermal pad to the GND plane.


Numéro de pièce similaire - TPS7A1650QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A1650QDGNRQ1 TI1-TPS7A1650QDGNRQ1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
More results

Description similaire - TPS7A1650QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com