Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA0508JRX5R7BN121 Datasheet(Fiches technique) 6 Page - YAGEO Corporation

Numéro de pièce CA0508JRX5R7BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JRX5R7BN121 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CA0508JRX5R7BN121 Datenblatt HTML 2Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 3Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 4Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 5Page - YAGEO Corporation CA0508JRX5R7BN121 Datasheet HTML 6Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 7Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 8Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 9Page - YAGEO Corporation CA0508JRX5R7BN121 Datenblatt HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
6
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY
Table 4 Temperature characteristic material from Y5V
CAPACITANCE
0612 (4 x 0603)
25 V
10 nF
0.6± 0.1
22 nF
47 nF
100 nF
NOTE
Values in shaded cells indicate thickness class in mm
Table 5
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH QUANTITY
PER REEL
Ø 180 MM / 7 INCH
Ø 180 MM / 13 INCH
Paper
Paper
0508
0.6 ± 0.1 mm
8 mm
4,000
20,000
0612
0.8 ± 0.1 mm
8 mm
4,000
15,000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn