Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA0508JRNPO7BN121 Fiches technique(PDF) 8 Page - YAGEO Corporation

No de pièce CA0508JRNPO7BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JRNPO7BN121 Fiches technique(HTML) 8 Page - YAGEO Corporation

Back Button CA0508JRNPO7BN121 Datasheet HTML 4Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 5Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 6Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 7Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 8Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 9Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 10Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 11Page - YAGEO Corporation CA0508JRNPO7BN121 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
8
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
Fig. 4
Typical tan δ as a function of temperature
Fig. 3
Typical temperature coefficient as a function of
temperature
Sample limits (broken lines)
Requirement levels (dotted lines)
Fig. 5
Typical capacitance change with respect to the
capacitance at 1 V as a function of DC voltage
NP0 0508/0612 50 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17