Moteur de recherche de fiches techniques de composants électroniques |
|
SS1090VFL_R1_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc. |
|
SS1090VFL_R1_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 April 14,2016-REV.01 SS1090VFL FEATURES • Fast switching speed • Surface mount package ideally suited for automatic insertion • Low power loss, high efficiency • Lead free in compliance with EU RoHS 2011/65/EU directive • Green molding compound as per IEC61249 Std. . (Halogen Free) LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volt 1 Ampere CURRENT MECHANICAL DATA • Case: SOD-123FL, Plastic • Terminals: Solderable per MIL-STD-750, Method 2026 • Approx. Weight: 0.0006 ounces, 0.0173 grams • Polarity:Color band denotes cathode end • Marking: RD ELECTRICAL CHARACTERISTICS (TA=25 oC unless otherwise noted) NOTES: 1.Mounted on 48cm 2 FR-4 PCB ABSOLUTE MAXIMUM RATINGS (TA=25 oC unless otherwise noted) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNITS Reverse Breakdown Voltage V(BR) IR=1mA 90 - - V Reverse Current I R VR=90 V- - 100 μA Forward Voltage VF IF=1.0A - 0.68 0.73 V Typical Junction Capacitance CJ VR=0V, f=1.0MHZ - 203 - pF 1 2 C athode An od e PAR AM E T E R S YM BOL VAL UE UN IT S Re ve r s e Vo ltage V R 90 V P e a k Re ve r s e Vo ltage V RRM 90 V A ve r age Re c ti fi ed C ur r e nt I O 1A P e a k For war d S urge C ur rent:8 .3 m s s i ng le ha lf s i ne - wave super i m pos ed on r a ted load I FS M 50 A Typi cal Ther m a l Re s i s tanc e , Junc ti on to A m bi ent ( Note 1) R ΘJA 180 OC/W Oper ati ng J unc ti o n Te m per atur e and S tor age Te m per atur e Ra ng e T J ,T STG - 55 to + 150 OC 0.115(2.90) 0.106(2.70) 0.043(1.08) 0.038(0.98) 0.145(3.70) 0.137(3.50) 0.030(0.75) 0.017(0.45) |
Numéro de pièce similaire - SS1090VFL_R1_00001 |
|
Description similaire - SS1090VFL_R1_00001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |