Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060XFL_R1_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060XFL_R1_00001
Description  EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060XFL_R1_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060XFL_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1060XFL_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1060XFL_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1060XFL_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1060XFL_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSS1060XFL
April 7,2016-REV.01
Page 1
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Voltage
60 V
Current
1 A
Features
 Ideal for automated placement
 Extreme low forward voltage drop, low power loss
 High efficiency operation
 Low thermal resistance
 Lead free in compliance with EU RoHS 2011/65/EU directive
 Green molding compound as per IEC61249 Std. . (Halogen Free)
Mechanical Data
 Case: SOD-123FL Molded Plastic
 Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
 Weight: 0.0006 ounces, 0.0173 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on a FR4 PCB, single-sided copper, with 100cm
2 copper pad area
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
60
V
Maximum rms voltage
VRMS
42
V
Maximum dc blocking voltage
VR
60
V
Maximum average forward rectified current
IF(AV)
1
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
40
A
Typical thermal resistance
(Note 1)
(Note 2)
RθJA
RθJC
200
32
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Numéro de pièce similaire - SS1060XFL_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1060XFL-AU PANJIT-SS1060XFL-AU Datasheet
144Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
October 9,2018-REV.00
SS1060XFL-AU_R1_000A1 PANJIT-SS1060XFL-AU_R1_000A1 Datasheet
144Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
October 9,2018-REV.00
More results

Description similaire - SS1060XFL_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SVT12150UB PANJIT-SVT12150UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15100UB PANJIT-SVT15100UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15120U PANJIT-SVT15120U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UDC PANJIT-SBT40100UDC Datasheet
276Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT2080UA PANJIT-SVT2080UA Datasheet
256Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20150U PANJIT-SVT20150U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT5100UF PANJIT-SRT5100UF_16 Datasheet
261Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVM860U PANJIT-SVM860U_16 Datasheet
285Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30100UFYT PANJIT-SBT30100UFYT Datasheet
282Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT880XF PANJIT-SRT880XF_16 Datasheet
364Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20120U PANJIT-SVT20120U Datasheet
227Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com