Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060VHEWS_R2_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060VHEWS_R2_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060VHEWS_R2_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060VHEWS_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1060VHEWS_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1060VHEWS_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1060VHEWS_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1060VHEWS_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. SS1060VHEWS_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
April 19,2016-REV.01
SS1060VHEWS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
60 Volt
1 Ampere
FEATURES
• SOD-323HE low profile package
• Low forward voltage drop, low reverse current
• High Efficiency
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-323HE, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 0.0002 ounces, 0.005 grams
• Marking: E6
CURRENT
ABSOLUTE MAXIMUM RATINGS (TA=25
o
C unless otherwise noted)
NOTES:
1.Mounted on 1cm
2
pad layout.
2.Mounted on 50cm
2 copper pad area.
PA RA ME TE R
S YMBOL
VALUE
UNITS
Ma xi mum Rec urre nt P e ak Re vers e Vo lta ge
V
RRM
60
V
Ma xi mum RMS Voltag e
V
RMS
42
V
Ma xi mum D C B loc k i ng Vo lta g e
V
R
60
V
Ma xi mum Average F o rward C urrent
I
O
1A
Peak F orward S urge C urre nt:8 .3 ms s i ng le half si ne -wave
superi mpos ed on ra ted load
I
FS M
22
A
Typ i ca l Thermal Re si s ta nc e , J unc ti o n to A mbi ent
(No te 1)
J unc ti on to L e ad (Note 2 )
R
ΘJA
R
ΘJL
13 5
19
OC/W
Op erati ng Juncti on Temperature and Storage Temperature Ra nge
T
J ,T STG
-55 to +150
OC
0.107(2.70)
0.090(2.30)
0.077(1.95)
0.068(1.75)
0.030(0.75)
0.021(0.55)
0.008(0.20)
0.004(0.10)
0.032(0.80)
0.015(0.40)
0.061(1.55)
0.045(1.15)


Numéro de pièce similaire - SS1060VHEWS_R2_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1060VHEWS PANJIT-SS1060VHEWS Datasheet
182Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1060VHEWS_R2_00001

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com