Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060HEWS-AU_R2_000A1 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SS1060HEWS-AU_R2_000A1
Description  SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060HEWS-AU_R2_000A1 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SS1060HEWS-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. SS1060HEWS-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. SS1060HEWS-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. SS1060HEWS-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. SS1060HEWS-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
August 19,2016-REV.00
SS1060HEWS-AU
Fig.1 Forward Current Derating Curve
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.4 Typical Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TL, Lead Temperature (°C)
0
20
40
60
80
100
120
02
4
6
8
10
VR, Reverse Bias Voltage (V)
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ =25°C
TJ =75°C
TJ = 125°C
T
J = 150°C
0.1
1
10
00.5
11.5
VF, Forward Voltage (V)
T J =25°C
T J =75°C
T J = 125°C
T J = 150°C
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


Numéro de pièce similaire - SS1060HEWS-AU_R2_000A1

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1060HEWS PANJIT-SS1060HEWS Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1060HEWS-AU_R2_000A1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com