Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060HEWS-AU Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060HEWS-AU
Description  SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060HEWS-AU Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060HEWS-AU Datasheet HTML 1Page - Pan Jit International Inc. SS1060HEWS-AU Datasheet HTML 2Page - Pan Jit International Inc. SS1060HEWS-AU Datasheet HTML 3Page - Pan Jit International Inc. SS1060HEWS-AU Datasheet HTML 4Page - Pan Jit International Inc. SS1060HEWS-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 19,2016-REV.00
SS1060HEWS-AU
SCHOTTKY BARRIER DIODE
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS (TA=25oC unless otherwise noted)
Note : Mounted on P.C Board with (15mmx50mm) copper pad areas.
FEATURES
• SOD-323HE low profile package
• Low forward voltage drop, low reverse current
• High Efficiency
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
APPLICATIONS
• Case: SOD-323HE, Plastic
• Terminals:Solder plated,solderable per MIL-STD-750,Method2026
• Approx. Weight: 0.0006 ounces, 0.0185 grams
• Low voltage high frequency inverters
• DC/DC converters
• Polarity protection
• Freewheeling
• Marking : EW
PARAM E T E R
S YM BO L
T E S T CONDI T I ON S
M I N .
T YP.
M AX .
U N I T S
F o r war d Vo ltage
V
F 1IF = 0 . 1 A
-
0. 38
0. 43
V
V
F 2IF = 0 . 7 A
-
0. 55
0. 58
V
V
F 3IF = 1 . 0 A
-
0. 63
0. 68
V
R e ve r s e C ur r ent
I
R1V R=5 V
-
0 . 3
-
μA
I
R2V R= 60V
-
3
100
μA
Ther m a l Re s i s t anc e ( Not e)
R
θJA
J unc t i on to A m bi ent
-
-
220
o C/W
R
θJL
J unc t i on to Lead
-
-
50
o C/W
Typi c a l Junc t i on C apac i t anc e
C J
V R=0 V, f=1 M HZ
-11 3
-
p F
PARAMETER
SYMBOL
LIMITS
UNIT
Repetitive Peak Reverse Voltage
VRRM
60
V
Average Rectified Forward Current
I O
1.0
A
Peak Forward Surge Current
(Half Sine Wave , 1 cycle , non-repetitive )
I FSM
22
A
Operating Junciton Temperature and Storage Temperature Range
TJ,TSTG
-40 to +150
OC
1
2
Ca th o d e
An o d e
VOLTAGE
60 Volt
CURRENT
1 Ampere


Numéro de pièce similaire - SS1060HEWS-AU

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1060HEWS PANJIT-SS1060HEWS Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1060HEWS-AU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com