Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040HE-AU Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce SS1040HE-AU
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HE-AU Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  SS1040HE-AU_17 Datasheet HTML 1Page - Pan Jit International Inc. SS1040HE-AU_17 Datasheet HTML 2Page - Pan Jit International Inc. SS1040HE-AU_17 Datasheet HTML 3Page - Pan Jit International Inc. SS1040HE-AU_17 Datasheet HTML 4Page - Pan Jit International Inc. SS1040HE-AU_17 Datasheet HTML 5Page - Pan Jit International Inc. SS1040HE-AU_17 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
May 20,2016-REV.05
SS1040HE-AU SERIES
0.1
1
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 75°C
T
J = 25°C
150V
Fig.10 Typical Forward Characteristics
Fig.9 Typical Forward Characteristics
0.1
1
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
100V
T
J = 150°C
T
J = 25°C
T
J = 125°C
T
J = 75°C
0
20
40
60
80
100
120
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.11 Operating Temperature Derating Curve


Numéro de pièce similaire - SS1040HE-AU_17

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1040HE-AU_R1_000A1 PANJIT-SS1040HE-AU_R1_000A1 Datasheet
262Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R2_000A1 PANJIT-SS1040HE-AU_R2_000A1 Datasheet
262Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1040HE-AU_17

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com