Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71247DRCT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71247DRCT
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71247DRCT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS71247DRCT Datasheet HTML 1Page - Texas Instruments TPS71247DRCT Datasheet HTML 2Page - Texas Instruments TPS71247DRCT Datasheet HTML 3Page - Texas Instruments TPS71247DRCT Datasheet HTML 4Page - Texas Instruments TPS71247DRCT Datasheet HTML 5Page - Texas Instruments TPS71247DRCT Datasheet HTML 6Page - Texas Instruments TPS71247DRCT Datasheet HTML 7Page - Texas Instruments TPS71247DRCT Datasheet HTML 8Page - Texas Instruments TPS71247DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Actual Size
(3 mm x 3 mm)
EN1
FB1/NC
EN2
FB2/NC
NR
10
9
8
7
6
IN
NC
OUT1
OUT2
GND
1
2
3
4
5
DRC PACKAGE
3mm x 3mm SON
(TOP VIEW)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
PSRR (RIPPLE REJECTION) vs FREQUENCY
V
OUT = 2.8 V
C
OUT = 2.2 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
Dual 250 mA Output, UltraLow Noise, High PSRR,
Low-Dropout Linear Regulator
Check for Samples: TPS71202, TPS71219, TPS71229, TPS71247, TPS71256, TPS71257
1
FEATURES
DESCRIPTION
Dual 250 mA High-Performance RF LDOs
The TPS712xx family of low-dropout (LDO) voltage
regulators is tailored to noise-sensitive and RF
Available in Fixed and Adjustable
applications. These products feature dual 250 mA
Voltage Options (1.2 V to 5.5 V)
LDOs with ultralow noise, high power-supply rejection
High PSRR: 65 dB at 10 kHz
ratio
(PSRR),
and
fast
transient
and
start-up
UltraLow Noise: 32 mVrms
response. Each regulator output is stable with
low-cost 2.2 mF ceramic output capacitors and
Fast Start-Up Time: 60 ms
features very low dropout voltages (125 mV typical at
Stable with 2.2 mF Ceramic Capacitor
250 mA). Each regulator achieves fast start-up times
Excellent Load/Line Transient Response
(approximately 60 ms with a 0.001 mF bypass
capacitor)
while
consuming
very
low
quiescent
Very Low Dropout Voltage: 125 mV at 250 mA
current (300 mA typical with both outputs enabled).
Independent Enable Pins
When the device is placed in standby mode, the
Thermal Shutdown and Independent Current
supply current is reduced to less than 0.3 mA typical.
Limit
Each regulator exhibits approximately 32 mVrms of
output voltage noise with VOUT = 2.8 V and a 0.01 mF
Available in Thermally-Enhanced SON
noise reduction (NR) capacitor. Applications with
Package: 3mm x 3mm x 1mm
analog components that are noise-sensitive, such as
portable RF electronics, will benefit from high PSRR,
APPLICATIONS
low noise, and fast line and load transient features.
Cellular and Cordless Phones
The TPS712 family is offered in a thin 3mm x 3mm
Wireless PDA/Handheld Products
SON package and is fully specified from -40°C to
PCMCIA/Wireless LAN Applications
+125°C (TJ).
Digital Camera/Camcorder/Internet Audio
DSP/FPGA/ASIC/Controllers and Processors
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS71247DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71247DRCT TI-TPS71247DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71247DRCTG4 TI-TPS71247DRCTG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Description similaire - TPS71247DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com