Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS70202PWPRG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS70202PWPRG4
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70202PWPRG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS70202PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 12Page - Texas Instruments TPS70202PWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VIN1
VUVLO
VUVLO
t
t
t
MR Input
RESET Output
120ms
Delay
120ms
Delay
NOTEA: V
.ThesymbolV
RES
RES
RESET
istheminimuminputvoltageforavalid
isnotcurrentlylistedwithinEIAorJEDECstandardsfor
semiconductorsymbology.
VRES
(seeNoteA)
Output
Undefined
Output
Undefined
VRES (seeNoteA)
VPG
t
t
t
PG1 Output
VIT+
(seeNoteB)
VIN1
VOUT1
VPG1
(seeNoteA)
V
(seeNoteB)
VUVLO
VUVLO
PG1
NOTES: A. V
istheminimuminputvoltageforavalidPG1.ThesymbolV
isnotcurrentlylistedwithinEIAorJEDEC
PG1
PG1
standards forsemiconductorsymbology.
B. V
tripvoltageistypically5%lowerthantheoutputvoltage(95%V ).
toV
i
O
IT+ sthehysteresisvoltage.
IT-
V
IT-
Threshold
Voltage
Output
Undefined
Output
Undefined
IT-
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
www.ti.com
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
RESET Timing Diagram
PG1 Timing Diagram
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9


Numéro de pièce similaire - TPS70202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70202PWPRG4 TI-TPS70202PWPRG4 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWPRG4 TI-TPS70202PWPRG4 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70202PWPRG4 TI-TPS70202PWPRG4 Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Description similaire - TPS70202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com